Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4870 Datasheet(PDF) 1 Page - Microchip Technology

Part # RN4870
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 Datasheet(HTML) 1 Page - Microchip Technology

  RN4870 Datasheet HTML 1Page - Microchip Technology RN4870 Datasheet HTML 2Page - Microchip Technology RN4870 Datasheet HTML 3Page - Microchip Technology RN4870 Datasheet HTML 4Page - Microchip Technology RN4870 Datasheet HTML 5Page - Microchip Technology RN4870 Datasheet HTML 6Page - Microchip Technology RN4870 Datasheet HTML 7Page - Microchip Technology RN4870 Datasheet HTML 8Page - Microchip Technology RN4870 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 1
RN4870/71
Features
• Fully Qualified Bluetooth® Smart Module
• On-Board Bluetooth 4.2 Low Energy Stack
• ASCII Command Interface API over UART
• Scripting Engine for Hostless Operation
• Compact Form Factor – The RN4870/71 family
comes in four different sizes from 6 mm x 8 mm to
12 mm x 22 mm:
- RN4870: 12 mm x 22 mm
- RN4871: 9 mm x 11.5 mm
- RN4870U: 12 mm x 15 mm
- RN4871U: 6 mm x 8 mm
• Beacon Private Service for Beacon Services
• UART Transparent Service for Serial Data
Applications
• Remote Configuration Over The Air
Operational
• Operating Voltage: 1.9V to 3.6V (3.3V typical)
• Temperature Range: -20°C to +70°C
• Supports UART
• Up to Three Pulse Width Modulation (PWM)
Outputs
RF/Analog Features
• ISM Band 2.402 to 2.480 GHz Operation
• Channels: 0-39
• RX Sensitivity: -90 dBm
• TX Power: 0 dBm
• RSSI Monitor
MAC/Baseband/Higher Layer Features
• Secure AES128 Encryption
• GAP, GATT, SM, L2CAP and Integrated Public
Profiles
• Customer Can Create up to Five Public and Four
Private Services
• Keyboard I/O Authentication
• Software Configurable Role as Peripheral or
Central and Client or Server
Antenna Options
• Ceramic Chip Antenna (RN4870/RN4871)
• External Antenna Connection via RF pad
(RN4870U/RN4871U)
Applications
• Health/Medical Devices
• Sports Activity/Fitness Meters
• Beacon Applications
• Internet of Things (IoT) Sensor Tag
• Remote Control
• Wearable Smart Devices and Accessories
• Smart Energy/Smart Home
• Industrial Control
Description
The RN487x modules, based on Microchip's IS187x
Bluetooth LE ICs, provide a complete solution to
implement Bluetooth 4.2 Low Energy connectivity.
These modules are interfaced via a two- or four-wire
UART interface with Microchip's simple ASCII
command set for easy integration into most
applications. All products in the RN series can be
dynamically configured by the host microcontroller with
a few simple ASCII commands. The RN487x series
also supports on-board scripting to automate basic
operations without a host microcontroller. The RN4870
(12 mm x 22 mm) and RN4871 (9 mm x 11.5 mm)
modules combine Microchip's Bluetooth LE Silicon with
all necessary peripheral components and an on-board
chip antenna to create an easy to use/drop-in solution.
All modules in this series are Bluetooth SIG qualified.
The RN4870 and RN4871 include FCC modular
certification, as well as most other worldwide
government regulatory approvals. For a listing of the
latest certifications, go to www.microchip.com/wireless.
The RN4870U (12 mm x 15 mm) and RN4871U (6 mm
x 8 mm) offer compact, flexible, unshielded options for
designs that are extremely space constrained or need
to remotely locate the antenna.
Bluetooth® 4.2 Low Energy Module


Similar Part No. - RN4870

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN4870 MICROCHIP-RN4870_17 Datasheet
2Mb / 48P
Bluetooth짰 4.2 Low Energy Module
10/25/17
More results

Similar Description - RN4870

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
Bluetooth Low Energy Module
07/14/15
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
Microchip Technology
RN4870 MICROCHIP-RN4870_17 Datasheet
2Mb / 48P
Bluetooth짰 4.2 Low Energy Module
10/25/17
logo
Mitsumi Electronics, Co...
WML-C69 MITSUMI-WML-C69 Datasheet
210Kb / 2P
Bluetooth Low Energy Module
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
Bluetooth Low Energy Module
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com