Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4870 Datasheet(PDF) 41 Page - Microchip Technology

Part # RN4870
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 Datasheet(HTML) 41 Page - Microchip Technology

Back Button RN4870 Datasheet HTML 37Page - Microchip Technology RN4870 Datasheet HTML 38Page - Microchip Technology RN4870 Datasheet HTML 39Page - Microchip Technology RN4870 Datasheet HTML 40Page - Microchip Technology RN4870 Datasheet HTML 41Page - Microchip Technology RN4870 Datasheet HTML 42Page - Microchip Technology RN4870 Datasheet HTML 43Page - Microchip Technology RN4870 Datasheet HTML 44Page - Microchip Technology RN4870 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 41
RN4870/71
10.4
Japan
The RN4870/71 module has received type certification
and is labeled with its own technical conformity mark
and certification number as required to conform to the
technical standards regulated by the Ministry of Internal
Affairs and Communications (MIC) of Japan pursuant
to the Radio Act of Japan.
Integration of this module into a final product does not
require additional radio certification provided installa-
tion instructions are followed and no modifications of
the module are allowed. Additional testing may be
required:
• If the host product is subject to electrical appli-
ance safety (for example, powered from an AC
mains), the host product may require Product
Safety Electrical Appliance and Material (PSE)
testing. The integrator should contact their confor-
mance laboratory to determine if this testing is
required.
• There is a voluntary Electromagnetic Compatibil-
ity (EMC) test for the host product administered
by VCCII: http://www.vcci.jp/vcci_e/index.html
10.4.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the
RN4870/71 module must follow Japan marking
requirements. The integrator of the module should refer
to the labeling requirements for Japan available at the
Ministry of Internal Affairs and Communications (MIC)
website.
The RN4870 module is labeled with its own technical
conformity mark and certification number. The final
product in which this module is being used must have
a label referring to the type certified module inside:
Due to the limited size of the RN4871, the technical
conformity mark and certification number is not dis-
played on the module. Therefore, the final product in
which this module is being used must have a label
referring to the type certified module inside:
10.4.2
HELPFUL WEB SITES
Ministry of Internal Affairs and Communications (MIC):
http://www.tele.soumu.go.jp/e/index.htm
Association of Radio Industries and Businesses
(ARIB): http://www.arib.or.jp/english/
10.5
Korea
The RN4870/71 module has received certification of
conformity in accordance with the Radio Waves Act.
Integration of this module into a final product does not
require additional radio certification provided installa-
tion instructions are followed and no modifications of
the module are allowed.
10.5.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the
RN4870/71 module must follow KC marking require-
ments. The integrator of the module should refer to the
labeling requirements for Korea available on the Korea
Communications Commission (KCC) website.
The RN4870 module is labeled with its own KC mark.
The final product requires the KC mark and certificate
number of the module:
Due to the limited size of the RN4871, the KC mark is
not displayed on the module. Therefore, final product
requires the KC mark and certificate number of the
module:
10.5.2
HELPFUL WEB SITES
Korea Communications Commission (KCC):
http://www.kcc.go.kr.
National Radio Research Agency (RRA):
http://rra.go.kr.
Contains transmitter module with certificate number:
Contains transmitter module with certificate number:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com