Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4870 Datasheet(PDF) 33 Page - Microchip Technology

Part # RN4870
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 Datasheet(HTML) 33 Page - Microchip Technology

Back Button RN4870 Datasheet HTML 29Page - Microchip Technology RN4870 Datasheet HTML 30Page - Microchip Technology RN4870 Datasheet HTML 31Page - Microchip Technology RN4870 Datasheet HTML 32Page - Microchip Technology RN4870 Datasheet HTML 33Page - Microchip Technology RN4870 Datasheet HTML 34Page - Microchip Technology RN4870 Datasheet HTML 35Page - Microchip Technology RN4870 Datasheet HTML 36Page - Microchip Technology RN4870 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 33
RN4870/71
8.0
ANTENNA CHARACTERISTICS
The RN4870 and RN4871 modules contain an integral
ceramic chip antenna. Figure 8-1 and Figure 8-2 show
the antenna performance on the modules.
FIGURE 8-1:
RN4870 ANTENNA PERFORMANCE
Parameter
Values
Frequency
2450 MHz
Max Gain
1.63 dBi
Efficiency
71.55%
Antenna Description
Manufacturer Part Number
Manufacturer
ANT ANT3216A063R2400A
PIFA 2.4GHz L3 2W1.6
ANT3216A063R2400A
Yageo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com