Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRA00 Datasheet(PDF) 18 Page - STMicroelectronics

Part # XRA00
Description  UHF, EPCglobal, Contactless Memory IC 96 bit ePC with Inventory and Kill Function
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRA00 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button XRA00 Datasheet HTML 14Page - STMicroelectronics XRA00 Datasheet HTML 15Page - STMicroelectronics XRA00 Datasheet HTML 16Page - STMicroelectronics XRA00 Datasheet HTML 17Page - STMicroelectronics XRA00 Datasheet HTML 18Page - STMicroelectronics XRA00 Datasheet HTML 19Page - STMicroelectronics XRA00 Datasheet HTML 20Page - STMicroelectronics XRA00 Datasheet HTML 21Page - STMicroelectronics XRA00 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
XRA00
18/40
MEMORY MAPPING
The XRA00 is divided into 8 blocks of 16 bits. The
device is read bit by bit and written to on a block by
block basis (16 bits at a time). The XRA00 memory
map is shown in Figure 25.
In the XRA00, the first block is used to store the
CRC value as defined in the ePC specification.
The next 6 blocks are used to store the 96-bit ePC
code that is used during the inventory sequence.
The last block is divided into two 8-bit areas, one
that contains the Kill Code and the other that con-
tains the Lock Code used to protect the memory
data contents.
Figure 25. XRA00 Memory Map
Note: 1. ST may write part of the ePC code.
USER mode
After programming the ePC information, the
XRA00 can be locked. Once locked, the XRA00
answers to anti-collision and scroll commands
only. The ERASEID, PROGRAMID and VERIFY-
ID commands are de-activated.
Row
Address
15
0
EPC mapping
Write Lockable User Area
Write Lockable User Area
Write Lockable User Area
Write Lockable User Area
Write Lockable User Area
Write Lockable User Area
Write Lockable User Area
Lock Code
Kill Code
0
1
2
3
4
5
6
7
00D
16D
32D
48D
64D
80D
96D
112D
CRC
EPC Data
EPC Data
EPC Data
EPC Data
EPC Data
EPC Data
ai10764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com