Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRA00 Datasheet(PDF) 6 Page - STMicroelectronics

Part # XRA00
Description  UHF, EPCglobal, Contactless Memory IC 96 bit ePC with Inventory and Kill Function
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRA00 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button XRA00 Datasheet HTML 2Page - STMicroelectronics XRA00 Datasheet HTML 3Page - STMicroelectronics XRA00 Datasheet HTML 4Page - STMicroelectronics XRA00 Datasheet HTML 5Page - STMicroelectronics XRA00 Datasheet HTML 6Page - STMicroelectronics XRA00 Datasheet HTML 7Page - STMicroelectronics XRA00 Datasheet HTML 8Page - STMicroelectronics XRA00 Datasheet HTML 9Page - STMicroelectronics XRA00 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
XRA00
6/40
DATA TRANSFER
Input Data Transfer from the Reader to the
XRA00 (Request Frame)
The RF Interface and Voltage Multiplier convert
the RF energy into the DC power required for the
XRA00 to operate. It provides modulation informa-
tion to the ASK demodulator which discriminates
between High and Low digital levels and forwards
this discriminated signal to the State Logic for Data
Recovery (see Figure 4.).
Within the State Logic, the Data Recovery and
Timing Block recovers the data from the de-modu-
lated signals and generates commands and con-
trol functions that coordinate all of the XRA00
operations. The State Logic interprets the Request
Frame, performs the required internal operations
and determines if a response is required. The
State Logic implements the State Diagram and
Communications Protocols.
The Reader-to-XRA00 link makes use of Ampli-
tude Shift Keying (ASK) with a maximum modula-
tion depth of 100% (see Figure 5.). Because of the
local UHF frequency regulation, the shape, depth
and rate of the modulation are variable within the
limits described in Table 2. The XRA00 adjusts its
timing over a range of modulation rates to lock to
Reader transmissions automatically.
Figure 4. ASK Modulation of the Received Wave
Figure 5. ASK Pulse Modulation Parameters
100%
UHF Envelope
> 0%
< 50%
< 50%
ai10743
Low Level Interval
0.9 Modulation
0.5 Modulation
0.1 Modulation
t
fwhm
Ripple
t
f
t
r
100%
0%
Time
Modulation
ai10744
Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com