Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRA00 Datasheet(PDF) 26 Page - STMicroelectronics

Part # XRA00
Description  UHF, EPCglobal, Contactless Memory IC 96 bit ePC with Inventory and Kill Function
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRA00 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button XRA00 Datasheet HTML 22Page - STMicroelectronics XRA00 Datasheet HTML 23Page - STMicroelectronics XRA00 Datasheet HTML 24Page - STMicroelectronics XRA00 Datasheet HTML 25Page - STMicroelectronics XRA00 Datasheet HTML 26Page - STMicroelectronics XRA00 Datasheet HTML 27Page - STMicroelectronics XRA00 Datasheet HTML 28Page - STMicroelectronics XRA00 Datasheet HTML 29Page - STMicroelectronics XRA00 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
XRA00
26/40
ScrollAllID Answer Frame Description
XRA00 devices that respond to a ScrollAllID com-
mand reply by modulating an eight bit preamble
(7Fh) followed by a 16-bit CRC and the entire
XRA00 96-bit ePC code. The XRA00 devices start
by modulating the lowest memory address data bit
onward up to the highest memory address data bit.
The XRA00 ScrollAllID Answer Frame structure is
given in Figure 28. The 16-bit CRC data contained
in the ScrollAllID Answer Frame is calculated ac-
cordingly and stored into the XRA00 memory dur-
ing the XRA00 programming process.
Figure 28. ScrollAllID Answer Frame Structure
Kill
The Kill command is a Basic command that gives
rise to an invalid response from the XRA00 to the
ePC Reader queries.
XRA00 devices whose data starting at the location
specified by the [PTR] field (must be cleared to ‘0’)
matches the entire [VALUE] field sent by the
Reader (that is, the 16-bit CRC, 96-bit ePC code
and an 8-bit Kill Code) are erased and do not pro-
vide valid ePC data to the Reader.
Data in the [VALUE] field is compared to XRA00
memory, from the lowest to the highest XRA00
memory address. XRA00 devices whose data do
not match or that fail a parity test on any of the par-
ity bits enter the Persistence mode.
■
Killing a XRA00 can be done whether the
XRA00 is locked or not, assuming that the
correct Kill Code is issued during the
instruction
■
The Kill Code can be 00h
The time required to Kill a XRA00 is tKill (see Table
4., XRA00 Backscattered Answer Modulation Pa-
rameters for timings). It is anticipated that the Kill
command will require higher field strengths from
the Reader, and will therefore be a short-range op-
eration.
The Reader to XRA00 Request Frame for a Kill
command is similar to the Request Frame for a
EraseID or ProgramID command.
11111110
ai10767
1110111111000001 110110000011011000101010000011101...10000011001011101001100111110000111100011101
Preamble
(8 bits)
CRC Data
(16 bits)
Tag ID Code
(96 bits)
XRA00 address 00h
XRA00 address 6Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com