Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRA00 Datasheet(PDF) 33 Page - STMicroelectronics

Part # XRA00
Description  UHF, EPCglobal, Contactless Memory IC 96 bit ePC with Inventory and Kill Function
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRA00 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button XRA00 Datasheet HTML 29Page - STMicroelectronics XRA00 Datasheet HTML 30Page - STMicroelectronics XRA00 Datasheet HTML 31Page - STMicroelectronics XRA00 Datasheet HTML 32Page - STMicroelectronics XRA00 Datasheet HTML 33Page - STMicroelectronics XRA00 Datasheet HTML 34Page - STMicroelectronics XRA00 Datasheet HTML 35Page - STMicroelectronics XRA00 Datasheet HTML 36Page - STMicroelectronics XRA00 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33/40
XRA00
ANTI-COLLISION ALGORITHM
The PingID command divides a population of
XRA00 devices into eight sub-populations based
on their ID code by binning XRA00 responses into
eight separate time slices, or Bin Response Win-
dows. This binning provides the basis for an anti-
collision algorithm that probes the binary ID code
three bits at a time. Individual XRA00 devices can
be isolated from large populations in the field of
the Reader by issuing multiple PingID commands
to the field, analyzing the responses and eventual-
ly issuing the appropriate ScrollID command.
Figure 35. is a binary tree representation of the
first four LSBs in the XRA00 address space. Al-
though only the four first levels are shown, the bi-
nary tree structure applies to the entire XRA00 ID
code (96 bits for a Class-1b XRA00).
A PingID command with [PTR]=0, [LEN]=1 and
[VALUE]=0 will probe the right half of this tree (the
‘0’ branch) through the first four bits of the XRA00
memory.
Similarly, a PingID command with [PTR]=0,
[LEN]=1 and [VALUE]=1 will probe the left half of
this tree (the ‘1’ branch) through the first four bits
of the XRA00 memory.
For the PingID command with [PTR]=0, [LEN]=1
and [VALUE]=0, XRA00 devices whose LSBs are
0000b respond in bin 0, XRA00 devices whose
LSBs are 0010b respond in bin 1... and XRA00 de-
vices whose LSBs are 1110b respond in bin 7.
Readers can look for backscatter modulation from
the XRA00 devices in each of the bins and learn
about the XRA00 population even if collisions
make reading the 8 bits of data sent by the XRA00
devices difficult.
The presence of backscatter in a given bin merely
indicates that one or more XRA00 device(s)
match(es) the query. The bin number tells the
Reader what the next three MSBs of the XRA00
addresses will be. The bin contents also indicate
the next 5 bits of the responding XRA00 devices.
Figure 35. First Four LSBs as a Binary Tree
Anti-Collision Example
Consider two XRA00 devices having their lowest
address programmed with 0111b and 1011b, re-
spectively.
Query 1
[CMD] = 00001000b(PingID)
[PTR] = 00000000b(0x00)
[LEN] = 00000001b(0x01)
[VALUE] = 1b(1)
This command probes the left half of the tree
shown in Figure 35. The [VALUE] field of 1, match-
es the first bit of both XRA00 devices in the exam-
ple (0111b and 1011b), so that they will both
respond.
During the reply interval, the XRA00 devices mod-
ulate the next 8 bits of their address data that
come just after the matched portion on the higher
address side. The bin in which they modulate is
determined by the three LSBs of the data they
modulate. At the Reader, backscatter modulation
is observed in bins 3 (011b) and 5 (101b) (as
shown in Figure 36.). Since multiple XRA00 devic-
es can modulate in each of these bins, contention
may be observed but the Reader knows that there
are two distinct populations of XRA00 devices
present whose first four LSBs are 0111b and
1011b, respectively.
PTR
= 0
LEN
= 1
VALUE
= 1
PTR
= 0 LEN
= 1 VALUE
= 0
1111
1011
1101
1001
1110
1010
1100
1000
1
11
01
10
00
0
000
100
010
110
001
101
011
111
0111
0011
0101
0001
0110
0010
0100
0000
ai10773



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com