Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRA00 Datasheet(PDF) 37 Page - STMicroelectronics

Part # XRA00
Description  UHF, EPCglobal, Contactless Memory IC 96 bit ePC with Inventory and Kill Function
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRA00 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button XRA00 Datasheet HTML 32Page - STMicroelectronics XRA00 Datasheet HTML 33Page - STMicroelectronics XRA00 Datasheet HTML 34Page - STMicroelectronics XRA00 Datasheet HTML 35Page - STMicroelectronics XRA00 Datasheet HTML 36Page - STMicroelectronics XRA00 Datasheet HTML 37Page - STMicroelectronics XRA00 Datasheet HTML 38Page - STMicroelectronics XRA00 Datasheet HTML 39Page - STMicroelectronics XRA00 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
37/40
XRA00
XRA00 IMPEDANCE PARAMETERS
The XRA00 parameters are specified in Tables 16
and 17.
Table 16. XRA00 Parameters
Note: 1. Mil. Std. 883 - Method 3015.
2. VESD values for 6-inch wafers.
3. VESD values for 8-inch wafers.
Table 17. 6-inch Wafer XRA00 Impedance Parameters
Table 18. 8-inch Wafer XRA00 Impedance Parameters
Figure 39. XRA00 Input Impedance, Equivalent Serial Circuit
Symbol
Description
Conditions
Min
Max
Unit
tSTG
Storage Temperature
Wafer
15
25
°C
23
months
VOP
Minimum Operating voltage on the
antenna
FC = 915MHz, T = 25°C, Regulated
Internal VDD = 1.65V
0.5
Vrms
VESD
Electrostatic Discharge Voltage (1)
Machine Model
–50(2)
+50(2)
V
–200(3)
+200(3)
V
Human Body Model
–400(2)
+400(2)
V
–2500(3)
+2500(3)
V
Equivalent Serial Model for 6-inch wafers
(See Figure 39.)
Measurement conditions
T = +25°C, Regulated Internal VDD = 1.65V
Typical Value Characterized only.
Fc = 868MHz, Rs = 7.4Ω, Xs = −218Ω
Fc = 915MHz, Rs = 6.7Ω, Xs = −197.4Ω
Equivalent Serial Model for 8-inch wafers
(See Figure 39.)
Measurement conditions
T = +25°C, Regulated Internal VDD = 1.65V
Typical Value Characterized only.
Fc = 915MHz, Rs = 7Ω, Xs = −184Ω
Zeq
RS
AC0
AC1
XS
Zeq = RS + jXS
ai10778



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com