Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRA00 Datasheet(PDF) 32 Page - STMicroelectronics

Part # XRA00
Description  UHF, EPCglobal, Contactless Memory IC 96 bit ePC with Inventory and Kill Function
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRA00 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button XRA00 Datasheet HTML 28Page - STMicroelectronics XRA00 Datasheet HTML 29Page - STMicroelectronics XRA00 Datasheet HTML 30Page - STMicroelectronics XRA00 Datasheet HTML 31Page - STMicroelectronics XRA00 Datasheet HTML 32Page - STMicroelectronics XRA00 Datasheet HTML 33Page - STMicroelectronics XRA00 Datasheet HTML 34Page - STMicroelectronics XRA00 Datasheet HTML 35Page - STMicroelectronics XRA00 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
XRA00
32/40
Lock Function
The Lock function is implemented by programming
a specific value into the lock bits of the XRA00, us-
ing the ProgramID command. In order to lock the
XRA00, the 8 upper bits of the row 7 must be pro-
grammed with the value A5h, as shown in Table
14. and Table 15.
If a value different from A5h is programmed in the
8 upper bits of the row 7, the tag in NOT LOCKED,
and the XRA00 will return this value in response to
any ScrollID, ScrollAllID or Verify command.
Table 14. Row 7 of an Unlocked or Erased Memory
Table 15. Row 7 of a Locked Memory (Showing Lock Code A5h)
EraseID and ProgramID Timing
The time required to erase or program a XRA00 is
terase and tpgm, respectively. See Table 4., XRA00
Backscattered Answer Modulation Parameters for
values.
The Reader to XRA00 Request Frame is much like
the Basic Command frame. The differences be-
tween the two are listed below:
■
The Programmer must send 0's after the
[EOF] for the duration of the program or erase
time, tpgm or terase.
■
The ProgramID and EraseID operations are
terminated by a "1" at the end of terase or tpgm.
■
The Programmer must transmit seven 0's after
the terminating "1" to allow the XRA00 to
perform an orderly shutdown of the erase/
program sequence.
■
Transmission of subsequent programming
commands must be preceded by an XRA00
carrier off interval of at least 8 x t0.
Figure 34. EraseID and ProgramID Signaling
Row 7
Lock Bit
bit8bit 1
Kill Code
bit8bit1
bit
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
Value
0
00
00
00
00
00
000
00
Row 7
Lock Bit
bit8bit 1
Kill Code
bit8bit1
bit
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
Value
1
01
00
10
10
00
000
00
ai10772
Prior sequence
transaction gap
or carrier off
Spin up
20 0's
EOF
64µs
1
000000000000000000000
Variable Data
S
O
F
E
O
F
P
1
P
2
P
3
P
4
P
5
Command
Pointer
Length
always 16
Value
Power Off Interval
Between Rows
= 8t0 minimun
7 0's
0's
terase or tpgm
t0
ProgramID, EraseID Commands
variable
number
of bits
16 data bits
10000000
E
O
F
P
3
P
4
P
5
variable number of bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com