Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRA00 Datasheet(PDF) 24 Page - STMicroelectronics

Part # XRA00
Description  UHF, EPCglobal, Contactless Memory IC 96 bit ePC with Inventory and Kill Function
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRA00 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button XRA00 Datasheet HTML 20Page - STMicroelectronics XRA00 Datasheet HTML 21Page - STMicroelectronics XRA00 Datasheet HTML 22Page - STMicroelectronics XRA00 Datasheet HTML 23Page - STMicroelectronics XRA00 Datasheet HTML 24Page - STMicroelectronics XRA00 Datasheet HTML 25Page - STMicroelectronics XRA00 Datasheet HTML 26Page - STMicroelectronics XRA00 Datasheet HTML 27Page - STMicroelectronics XRA00 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
XRA00
24/40
BASIC COMMANDS - OVERVIEW
The XRA00 provides six Basic commands, de-
scribed in the following paragraphs.
ScrollID
The ScrollID command is a Basic command that
gives rise to a response from the XRA00.
When the ScrollID command is issued, the XRA00
responds if the data sent by the Reader in the
[VALUE] field matches the XRA00's internal mem-
ory starting at the location specified by the [PTR]
field. Data in the [VALUE] field is compared to the
XRA00 memory, from the lowest to the highest ad-
dress. Only XRA00 devices that match all of the
bits in the [VALUE] field reply to the Reader.
XRA00 devices that fail the match or fail a parity
test on any of the parity bits do not modulate.
The XRA00 devices that match the data sent by
the Reader reply by sending back an 8-bit pream-
ble, a 16-bit CRC for error checking followed by
the entire 96-bit ePC code.
■
Any unlocked XRA00 seeing the command
will reply by sending back an 8-bit preamble,
16-bit CRC and its entire 96-bit ePC code,
plus the Kill code and Lock code location bits.
■
Any locked XRA00 seeing the command will
reply by sending back an 8-bit preamble, 16-
bit CRC and its entire 96-bit ePC code.
Data sent by the Reader to the XRA00 may be of
variable length. ScrollID can be used to look for
specific XRA00 devices or test for the presence of
specific groups of XRA00 devices in the field. Data
sent by the XRA00 has a fixed length.
Example of a ScrollID Command . A Reader is-
sues a command containing the following data:
[CMD] =
00000001b
(ScrollID)
[PTR] =
00000111b
(0x07)
[LEN] =
00001001b
(0x09)
[VALUE] = 000101101b
(0x2D)
XRA00 devices will attempt to check 9 bits of their
address data, starting at bit 7, against the data
specified in the [VALUE] field. XRA00 devices
whose data matches respond with a ScrollID Re-
ply.
Table 8. shows the case of three XRA00 devices.
XRA00 1 and XRA00 3 respond to the command
but XRA00 2 does not. Underlined bits in XRA00
memory are compared with the [VALUE] data.
Here, bits 7 through 15 are compared.
The XRA00 devices start by modulating the lowest
memory address data bit onward up to the highest
memory address data bit. This means that in Table
8., modulation is from right to left.
Table 8. Example of a ScrollID Operation
XRA00 ID Code/Bit Number
XRA00 responds to ScrollID command
Towards Highest
Address Bit
Lowest Address Bit
Bit Number
...321098765432109876543210
-
XRA00 1 ID
...010001000001011011101010b
YES
XRA00 2 ID
...100111100001001010010010b
NO (bit 10 fails to match)
XRA00 3 ID
...101101010001011011110111b
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com