Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRA00 Datasheet(PDF) 30 Page - STMicroelectronics

Part # XRA00
Description  UHF, EPCglobal, Contactless Memory IC 96 bit ePC with Inventory and Kill Function
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRA00 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button XRA00 Datasheet HTML 26Page - STMicroelectronics XRA00 Datasheet HTML 27Page - STMicroelectronics XRA00 Datasheet HTML 28Page - STMicroelectronics XRA00 Datasheet HTML 29Page - STMicroelectronics XRA00 Datasheet HTML 30Page - STMicroelectronics XRA00 Datasheet HTML 31Page - STMicroelectronics XRA00 Datasheet HTML 32Page - STMicroelectronics XRA00 Datasheet HTML 33Page - STMicroelectronics XRA00 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
XRA00
30/40
Figure 32. Example of a Quiet Request Frame Signaling
Talk
XRA00 devices that match the data sent by the
Reader return to the Awake state, where they will
respond to commands from the Reader.
XRA00 devices inactivated by the Quiet command
can be reactivated by the Talk command.
The Talk command follows the same rules as the
Quiet, PingID and ScrollID commands for the se-
lection of the XRA00 devices. An individual XRA00
or a group of XRA00 devices can be brought out of
the Asleep state, as required.
Example Talk Command. A Reader issues a
Talk command containing the following data:
[CMD] =
00110010b
(Talk)
[PTR] =
00000111b
(0x07)
[LEN] =
00001001b
(0x09)
[VALUE] = 000101101b
(0x2D)
The XRA00 devices will attempt to check 9 bits of
their address data, starting from bit 7, against the
data specified in the [VALUE] field. The XRA00
devices with matching data revert from the Asleep
to the Awake state thus becoming responsive to all
subsequent Reader commands until a new Quiet
command is received.
The XRA00 devices do not return any response to
the Talk command.
In the example illustrated in Table 12., the under-
lined XRA00 memory bits are compared with the
[VALUE] data sent by the Reader.
After issuing the Talk command the Reader must
transmit seven 0’s after the EOF for the XRA00 to
execute the Talk Command. Once the seven 0’s
have been sent, the Reader must immediately is-
sue a transaction gap.
Table 12. Example of a Talk Operation
Figure 33. Example of aTalk Request Frame Signaling
ai10771
Transaction Gap
Next
Transaction
Quiet, Talk
Commands
7t0
EOF
1
XRA00 ID Code/Bit Position
XRA00 executes the Talk command and enters the
Awake state
Towards Highest
Address Bit
Lowest Address Bit
Bit Number
...321098765432109876543210
-
XRA00 1 ID
...010001000001011011101010b
YES
XRA00 2 ID
...100111100001001010010010b
NO (bit 10 does not match)
XRA00 3 ID
...101101010001011011110110b
YES
XRA00 4 ID
...101100000001011011110111b
YES
ai10771
Transaction Gap
Next
Transaction
Quiet, Talk
Commands
7t0
EOF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com