Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP39F511
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP39F511 Datasheet HTML 20Page - Microchip Technology MCP39F511 Datasheet HTML 21Page - Microchip Technology MCP39F511 Datasheet HTML 22Page - Microchip Technology MCP39F511 Datasheet HTML 23Page - Microchip Technology MCP39F511 Datasheet HTML 24Page - Microchip Technology MCP39F511 Datasheet HTML 25Page - Microchip Technology MCP39F511 Datasheet HTML 26Page - Microchip Technology MCP39F511 Datasheet HTML 27Page - Microchip Technology MCP39F511 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
MCP39F511
DS20005393B-page 24
 2015 Microchip Technology Inc.
FIGURE 5-2:
RMS Current and Voltage Calculation Signal Flow.
5.5
Power and Energy
The MCP39F511 offers signed power numbers for
Active and Reactive power, import and export registers
for active energy, and four-quadrant Reactive power
measurement. For this device, import power or energy
is considered positive (power or energy being
consumed by the load), and export power or energy is
considered negative (power or energy being delivered
by the load). The following figure represents the
measurements obtained by the MCP39F511.
FIGURE 5-3:
The Power Circle and Triangle (S = Apparent, P = Active, Q = Reactive).
OffsetCurrentRMS:s32
X
CurrentRMS:u32
+
+
Range:b32
X
÷2RANGE
VoltageRMS:u16
Range:b32
X
ApparentPower:u32
i
v
ACCU
0
2N-1
÷ 2N
ACCU
0
2N
-1
÷ 2N
GainCurrentRMS:u16
X
X
GainVoltageRMS:u16
÷2RANGE
P
S
Q
Quadrant I
Quadrant II
Quadrant IV
Quadrant III
Import Active Power
Export Active Power
Import Reactive Power
Import Reactive Power
Export Reactive Power
Consume, Inductive
Consume, Capacitive
Generate, Inductive
Generate, Capacitive
-P, +Q
+P, +Q
+P, -Q
-P, -Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com