Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP39F511
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP39F511 Datasheet HTML 45Page - Microchip Technology MCP39F511 Datasheet HTML 46Page - Microchip Technology MCP39F511 Datasheet HTML 47Page - Microchip Technology MCP39F511 Datasheet HTML 48Page - Microchip Technology MCP39F511 Datasheet HTML 49Page - Microchip Technology MCP39F511 Datasheet HTML 50Page - Microchip Technology MCP39F511 Datasheet HTML 51Page - Microchip Technology MCP39F511 Datasheet HTML 52Page - Microchip Technology MCP39F511 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 49
MCP39F511
9.4
Calibrating the Phase
Compensation Register
Phase compensation is provided to adjust for any
phase delay between the current and voltage path.
This procedure requires sinusoidal current and voltage
waveforms, with a significant phase shift between
them, and significant amplitudes. The recommended
displacement power factor for calibration is 0.5. The
procedure for calculating the phase compensation
register is as follows:
1.
Determine what the difference is between the
angle corresponding to the measured power
factor (PFMEAS) and the angle corresponding to
the expected power factor (PFEXP), in degrees.
EQUATION 9-7:
2.
Convert this from degrees to the resolution
provided in Equation 9-8:
EQUATION 9-8:
3.
Combine this additional phase compensation to
whatever value is currently in the phase
compensation,
and
update
the
register.
Equation 9-9 should be computed in terms of an
8-bit 2's complement-signed value. The 8-bit
result is placed in the least significant byte of the
16-bit Phase Compensation register.
EQUATION 9-9:
Based on Equation 9-9, the maximum angle in degrees
that can be compensated is approximately ±3.2
degrees. If a larger phase shift is required, contact your
local Microchip sales office.
9.5
Offset/No-Load Calibrations
During offset calibrations, it is recommended that no
line voltage or current be applied to the system. The
system should be in a no-load condition.
9.5.1
AC OFFSET CALIBRATION
There are three registers associated with the AC Offset
Calibration:
• Offset Current RMS
• Offset Active Power
• Offset Reactive Power
When computing the AC offset values, the respective
gain and range registers should be taken into
consideration according to the block diagrams in
Figures 5-2 and 5-4.
After
a
successful
offset
calibration,
a
Save Registers to Flash
command can then be
issued to save the calibration constants calculated by
the device.
9.5.2
DC OFFSET CALIBRATION
In DC applications, the high-pass filter on the current
and voltage channels is turned off. To remove any
residual DC value on the current, the DCOffsetCurrent
register adds to the A/D conversion immediately after
the ADC and prior to any other function.
9.6
Calibrating the Line Frequency
Register
The Line Frequency register contains a 16-bit number
with a value equivalent to the input-line frequency as it
is measured on the voltage channel. When in
DC mode, this calculation is turned off and the register
will be equal to zero.
The measurement of the line frequency is only valid
from 45 to 65 Hz.
9.6.1
USING THE AUTO-CALIBRATE
FREQUENCY COMMAND
By applying a stable reference voltage with a constant
line frequency that is equivalent to the value that
resides
in
the
Line
Frequency
Ref,
the
Auto-Calibrate Frequency
command can then
be issued to the device.
After a successful calibration (response = ACK), a
Save Registers to Flash
command can then be
issued to save the calibration constants calculated by
the device.
The
following
register
is
set
when
the
Auto-Calibrate Frequency
command is issued:
• Gain Line Frequency
Note that the command is only required when running
off the internal oscillator. The formula used to calculate
the new gain is shown in Equation 9-1.
PF
MEAS
Value in PowerFactor Register
32768
---------------------------------------------------------------------------
=
ANGLE
MEAS

PF
MEAS
 180
---------
acos
=
ANGLE
EXP

PF
EXP
 180
---------
acos
=
ANGLE
MEAS
ANGLE
EXP
 40
=
PhaseCompensation
NEW
PhaseCompens ation
OLD
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com