Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP39F511
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP39F511 Datasheet HTML 9Page - Microchip Technology MCP39F511 Datasheet HTML 10Page - Microchip Technology MCP39F511 Datasheet HTML 11Page - Microchip Technology MCP39F511 Datasheet HTML 12Page - Microchip Technology MCP39F511 Datasheet HTML 13Page - Microchip Technology MCP39F511 Datasheet HTML 14Page - Microchip Technology MCP39F511 Datasheet HTML 15Page - Microchip Technology MCP39F511 Datasheet HTML 16Page - Microchip Technology MCP39F511 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 13
MCP39F511
3.13
Noninverting Reference
Input/Internal Reference Output
Pin (REFIN+/OUT)
This pin is the noninverting side of the differential
voltage reference input for the Delta-Sigma ADCs or
the internal voltage reference output.
For optimal performance, bypass capacitances should
be connected between this pin and AGND at all times,
even when the internal voltage reference is used.
However, these capacitors are not mandatory to
ensure proper operation.
3.14
Digital Ground Connection Pins
(DGND)
DGND is the ground connection to internal digital
circuitry (SINC filters, oscillator, serial interface). If a
digital ground plane is available, it is recommended to
tie this pin to the digital plane of the PCB. This plane
should also reference all other digital circuitry in the
system.
3.15
Digital Power Supply Pin (DVDD)
DVDD is the power supply pin for the digital circuitry
within the MCP39F511. This pin requires appropriate
bypass capacitors and should be maintained between
+2.7V and +3.6V for specified operation. It is
recommended to use 0.1 µF ceramic capacitors.
3.16
Data-Ready Pin (DR)
The data-ready pin indicates if a new Delta-Sigma A/D
conversion result is ready to be processed. This pin is
for indication only and should be left floating. After each
conversion is finished, a low pulse will take place on the
data-ready pin to indicate the conversion result is ready
and an interrupt is generated in the calculation engine
(CE). This pulse is synchronous with the line frequency
to ensure an integer number of samples for each line
cycle.
3.17
Exposed Thermal Pad (EP)
This pin is the exposed thermal pad. It must be
connected to pin 24 (DGND).
Note:
This pin is internally connected to the IRQ
of the calculation engine and should be
left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com