Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP39F511
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP39F511 Datasheet HTML 27Page - Microchip Technology MCP39F511 Datasheet HTML 28Page - Microchip Technology MCP39F511 Datasheet HTML 29Page - Microchip Technology MCP39F511 Datasheet HTML 30Page - Microchip Technology MCP39F511 Datasheet HTML 31Page - Microchip Technology MCP39F511 Datasheet HTML 32Page - Microchip Technology MCP39F511 Datasheet HTML 33Page - Microchip Technology MCP39F511 Datasheet HTML 34Page - Microchip Technology MCP39F511 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 31
MCP39F511
EMI Filter Compensation Registers (Note 2)
0x00AC
Reserved
—
R
u16
Reserved
0x00AE
Reserved
—
R
u16
Reserved
0x00B0
Reserved
—
R
u16
Reserved
0x00B2
Reserved
—
R
u16
Reserved
0x00B4
Reserved
—
R
u16
Reserved
0x00B6
Reserved
—
R
u16
Reserved
0x00B8
Reserved
—
R
u16
Reserved
0x00BA
Reserved
—
R
u16
Reserved
0x00BC
Reserved
—
R
u16
Reserved
0x00BE
Reserved
—
R
u16
Reserved
0x00C0
Reserved
—
R
u16
Reserved
0x00C2
Reserved
—
R
u16
Reserved
0x00C4
Reserved
—
R
u16
Reserved
Temperature Compensation and Peripheral Control Registers
0x00C6
Temperature Compensation
for Frequency
9.7
R/W
u16
Correction factor for compensating the line
frequency indication overtemperature
0x00C8
Temperature Compensation
for Current
9.7
R/W
u16
Correction factor for compensating the Current
RMS indication overtemperature
0x00CA
Temperature Compensation
for Power
9.7
R/W
u16
Correction factor for compensating the active
power indication overtemperature
0x00CC
Ambient Temperature
Reference Voltage
9.7
R/W
u16
Register for storing the reference temperature
during calibration
0x00CE
PWM Period
8.2
R/W
u16
Input register controlling PWM Period
0x00D0
PWM Duty Cycle
8.3
R/W
u16
Input register controlling PWM Duty Cycle
0x00D2
Reserved
—
—
u16
Reserved
0x00D4
MinMaxPointer1
5.12
R/W
u16
Address Pointer for Min/Max 1 Outputs
0x00D6
MinMaxPointer2
5.12
R/W
u16
Address Pointer for Min/Max 2 Outputs
0x00D8
Overtemperature Limit
(Note 3)
7.2.1
R/W
u16
Limit at which an Overtemperature event flag
is recorded
0x00DA
Reserved
—
R
u16
Reserved
0x00DC
Energy Control
5.6
R/W
u16
Input register for reset/start of Energy
Accumulation
0x00DE
PWM Control
8.1
R/W
u16
Input register for PWM On/Off and other PWM
Controls
0x00E0
No Load Threshold
5.6.1
R/W
u16
No Load Threshold for Energy Counting
TABLE 6-1:
MCP39F511 REGISTER MAP (CONTINUED)
Address
Register Name
Section
Number
Read/
Write
Data
Type
Description
Note 1:
The registers are unsigned, however their sign is kept as a separate bit in the System Status Register.
2:
These registers are reserved for EMI filter compensation when necessary for power supply monitoring.
They may require specific adjustment depending on PSU parameters, please contact the local Microchip
office for further support.
3:
The Overtemperature event is only available on system versions 0xFA14 and later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com