Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP39F511
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP39F511 Datasheet HTML 32Page - Microchip Technology MCP39F511 Datasheet HTML 33Page - Microchip Technology MCP39F511 Datasheet HTML 34Page - Microchip Technology MCP39F511 Datasheet HTML 35Page - Microchip Technology MCP39F511 Datasheet HTML 36Page - Microchip Technology MCP39F511 Datasheet HTML 37Page - Microchip Technology MCP39F511 Datasheet HTML 38Page - Microchip Technology MCP39F511 Datasheet HTML 39Page - Microchip Technology MCP39F511 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
MCP39F511
DS20005393B-page 36
 2015 Microchip Technology Inc.
bit 12
ZCD_INV:
Zero Crossing Detection Output Inverse
1
= ZCD is inverted
0
= ZCD is not inverted (Default)
bit 11
ZCD_PULS:
Zero Crossing Detection Pulse mode
1
= ZCD output is 100 µs pulses on zero crossings
0
= ZCD Output changes logic state on zero crossings (Default)
bit 10
ZCD_OUTPUT_DIS:
Disable the Zero Crossing output pin
1
= ZCD output is disabled
0
= ZCD output is enabled (Default)
bit 9
Unimplemented:
Read as ‘0’
bit 8
SINGLE_WIRE:
Single-Wire Enable bit
1
= Single-wire transmission is enabled
0
= Single-wire transmission is disabled (Default)
bit 7
TEMPCOMP:
Temperature-Compensation Enable bit
1
= Temperature compensation is enabled
0
= Temperature compensation is disabled (Default)
bit 6-5
RESET <1:0>:
Reset mode setting for ADCs
11
= Both I1 and V1 are in Reset mode
10
= V1 ADC is in Reset mode
01
= I1 ADC is in Reset mode
00
= Neither ADC is in Reset mode (Default)
bit 4-3
SHUTDOWN <1:0>:
Shutdown mode setting for ADCs
11
= Both I1 and V1 are in Shutdown
10
= V1 ADC is in Shutdown
01
= I1 ADC is in Shutdown
00
= Neither ADC is in Shutdown (Default)
bit 2
VREFEXT:
Internal Voltage Reference Shutdown Control
1
= Internal Voltage Reference Disabled
0
= Internal Voltage Reference Enabled (Default)
bit 1-0
Unimplemented:
Read as ‘0’
Note 1:
The UART Baud Rate bits are only available on system version 0xFA14 and later. Previous versions have
the baud rate fixed at 115200. The baud rate is only changed at system power-up, so a Save To Flash
command is required after changing the baud rate.
REGISTER 6-3:
ENERGY ACCUMULATION CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
—
—
—
—
—
—
—
ENRG_CNTRL
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bits 15-1
Unimplemented:
Read as ‘0‘
bit 0
ENRG_CNTRL:
Energy Accumulation Control bit
1
= Energy is ON and all registers are accumulating
0
= Energy accumulation is turned off and all energy accumulation registers are reset to 0 (Default)
REGISTER 6-2:
SYSTEM CONFIGURATION REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com