Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP39F511
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP39F511 Datasheet HTML 22Page - Microchip Technology MCP39F511 Datasheet HTML 23Page - Microchip Technology MCP39F511 Datasheet HTML 24Page - Microchip Technology MCP39F511 Datasheet HTML 25Page - Microchip Technology MCP39F511 Datasheet HTML 26Page - Microchip Technology MCP39F511 Datasheet HTML 27Page - Microchip Technology MCP39F511 Datasheet HTML 28Page - Microchip Technology MCP39F511 Datasheet HTML 29Page - Microchip Technology MCP39F511 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
MCP39F511
DS20005393B-page 26
 2015 Microchip Technology Inc.
5.9
Power Factor (PF)
Power factor is calculated by the ratio of P to S or
Active power divided by Apparent power.
EQUATION 5-5:
POWER FACTOR
The Power Factor Reading is stored in a signed 16-bit
register (Power Factor). This register is a signed, 2's
complement register with the MSB representing the
polarity of the power factor. A positive power factor
means Active power is being imported, negative power
factor represents export Active power. The sign of the
reactive power component is used to tell if the current
is lagging the voltage, with a positive sign meaning an
inductive load, and a negative sign meaning capacitive.
Each LSB is then equivalent to a weight of 2-15. A
maximum register value of 0x7FFF corresponds to a
power factor of 1. The minimum register value of
0x8000 corresponds to a power factor of -1.
5.10
Reactive Power (Q)
In the MCP39F511, Reactive Power is calculated using
a 90 degree phase shift in the voltage channel. The
same accumulation principles apply as with active
power where ACCU acts as the accumulator. Any light
load or residual power can be removed by using the
Offset Reactive Power register. Gain is corrected by
the Gain Reactive Power register. The final output is an
unsigned 32-bit value located in the Reactive Power
register.
Please note that although this register is unsigned, the
direction of the power can be determined by the
reactive power sign bit in the system status register.
FIGURE 5-5:
Reactive Power Calculation Signal Flow.
PF
P
S
---
=
OffsetReactivePower:s32
X
ACCU1
0
HPF
ReactivePower:u32
+
-
HPF (+90deg.)
X
GainReactivePower:u16
Range1,2:b32
2N-1
÷ 2N
÷2RANGE
i
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com