Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP39F511
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP39F511 Datasheet HTML 7Page - Microchip Technology MCP39F511 Datasheet HTML 8Page - Microchip Technology MCP39F511 Datasheet HTML 9Page - Microchip Technology MCP39F511 Datasheet HTML 10Page - Microchip Technology MCP39F511 Datasheet HTML 11Page - Microchip Technology MCP39F511 Datasheet HTML 12Page - Microchip Technology MCP39F511 Datasheet HTML 13Page - Microchip Technology MCP39F511 Datasheet HTML 14Page - Microchip Technology MCP39F511 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 11
MCP39F511
3.0
PIN DESCRIPTION
The description of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
MCP39F511
5x5 QFN
Symbol
Function
1
EVENT1
Event 1 Output pin
2, 3, 8, 9
NC
No Connect (must be left floating)
4
UART_RX
UART Communication RX pin
5COMMONA
Common pin A, to be connected to pin 13 (COMMONB)
6
OSCI
Oscillator Crystal Connection pin or External Clock Input pin
7
OSCO
Oscillator Crystal Connection pin
10
RESET
Reset pin for Delta-Sigma ADCs
11
AVDD
Analog Power Supply pin
12
UART_TX
UART Communication TX pin
13
COMMONB
Common pin B, to be connected to pin 5 (COMMONA)
14
PWM
Pulse-Width Modulation (PWM) Output pin
15
EVENT2
Event 2 Output pin
16
I1+
Noninverting Current Channel Input for 24-bit
 ADC
17
I1-
Inverting Current Channel Input for 24-bit
 ADC
18
V1-
Inverting Voltage Channel Input for 24-bit
 ADC
19
V1+
Noninverting Voltage Channel Input for 24-bit
 ADC
20
AN_IN
Analog Input for SAR ADC
21
AGND
Analog Ground Pin, return path for internal analog circuitry
22
ZCD
Zero Crossing Detection Output
23
REFIN+/OUT
Noninverting Voltage Reference Input and Internal Reference Output Pin
24, 27
DGND
Digital Ground pin, return path for internal digital circuitry
25
DVDD
Digital Power Supply pin
26
MCLR
Master Clear for device
28
DR
Data Ready (must be left floating)
29
EP
Exposed Thermal Pad (to be connected to pins 24 and 27 (DGND))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com