Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP39F511
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP39F511 Datasheet HTML 37Page - Microchip Technology MCP39F511 Datasheet HTML 38Page - Microchip Technology MCP39F511 Datasheet HTML 39Page - Microchip Technology MCP39F511 Datasheet HTML 40Page - Microchip Technology MCP39F511 Datasheet HTML 41Page - Microchip Technology MCP39F511 Datasheet HTML 42Page - Microchip Technology MCP39F511 Datasheet HTML 43Page - Microchip Technology MCP39F511 Datasheet HTML 44Page - Microchip Technology MCP39F511 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 41
MCP39F511
bit 19
OVERPOW_PIN1:
Event pin 1 operation for the Overpower event
1
= Event mapped to Event1 pin only
0
= Event not mapped to a pin (Default)
bit 18
OVERCUR_PIN1:
Event pin 1 operation for the Overcurrent event
1
= Event mapped to Event1 pin only
0
= Event not mapped to a pin (Default)
bit 17
VSURGE_PIN1:
Event pin 1 operation for the Voltage Surge event
1
= Event mapped to Event1 pin only
0
= Event not mapped to a pin (Default)
bit 16
VSAG_PIN1:
Event pin 1 operation for the Voltage Sag event
1
= Event mapped to Event1 pin only
0
= Event not mapped to a pin (Default)
bits 15-12 Unimplemented: Read as ‘0’
bit 11
OVERCUR_CL:
Reset or clear bit for the Overcurrent event (Note 2)
1
= Event is cleared
0
= Event is not cleared (Default)
bit 10
OVERPOW_CL:
Reset or clear bit for the Overpower event (Note 2)
1
= Event is cleared
0
= Event is not cleared (Default)
bit 9
VSUR_CL:
Reset or clear bit for the Voltage Surge event (Note 2)
1
= Event is cleared
0
= Event is not cleared (Default)
bit 8
VSAG_CL:
Reset or clear bit for the Voltage Sag event (Note 2)
1
= Event is cleared
0
= Event is not cleared (Default)
bit 7
VSUR_LA:
Latching control of the Voltage Surge event
1
= Event is latched and needs to be cleared
0
= Event does not latch (Default)
bit 6
VSAG_LA:
Latching control of the Voltage Sag event
1
= Event is latched and needs to be cleared
0
= Event does not latch (Default)
bit 5
OVERPOW_LA:
Latching control of the Overpower event
1
= Event is latched and needs to be cleared
0
= Event does not latch (Default)
bit 4
OVERCUR_LA:
Latching control of the Overcurrent event
1
= Event is latched and needs to be cleared
0
= Event does not latch (Default)
bit 3
VSUR_TST:
Test control of the Voltage Surge event
1
= Simulated event is turned on
0
= Simulated event is turned off (Default)
bit 2
VSAG_TST:
Test control of the Voltage Sag event
1
= Simulated event is turned on
0
= Simulated event is turned off (Default)
bit 1
OVERPOW_TST:
Test control of the Overpower event
1
= Simulated event is turned on
0
= Simulated event is turned off (Default)
bit 0
OVERCUR_TST:
Test control of the Overcurrent event
1
= Simulated event is turned on
0
= Simulated event is turned off (Default)
Note 1:
The Overtemperature event bits (28-24) are only available on system versions 0xFA14 and later.
2:
Writing a 1 to the Clear bit clears the event, either real or simulated through test bits, and then returns to a
state of 0.
REGISTER 7-1:
EVENT CONFIGURATION REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com