Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511T-E/MQ Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP39F511T-E/MQ
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511T-E/MQ Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP39F511T-E/MQ Datasheet HTML 25Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 26Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 27Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 28Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 29Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 30Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 31Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 32Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 29
MCP39F511
6.0
REGISTER DESCRIPTIONS
6.1
Complete Register Map
The following table describes the registers for the MCP39F511 device.
TABLE 6-1:
MCP39F511 REGISTER MAP
Address
Register Name
Section
Number
Read/
Write
Data
Type
Description
Output Registers
0x0000
Instruction Pointer
6.2
R
u16
Address pointer for read or write commands
0x0002
System Status
6.3
R
b16
System Status Register
0x0004
System Version
6.3
R
u16
System version date code information for
MCP39F511, set at the Microchip factory;
format YMDD
0x0006
Voltage RMS
5.4
R
u16
RMS Voltage output
0x0008
Line Frequency
9.6
R
u16
Line Frequency output
0x000A
Analog Input Voltage
5.11
R
u16
Output of the 10-bit SAR ADC
0x000C
Power Factor
5.9
R
s16
Power Factor output
0x000E
Current RMS
5.4
R
u32
RMS Current output
0x0012
Active Power (Note 1)
5.8
R
u32
Active Power output
0x0016
Reactive Power (Note 1)
5.10
R
u32
Reactive Power output
0x001A
Apparent Power
5.7
R
u32
Apparent Power output
0x001E
Import Active Energy
Counter
5.6
R
u64
Accumulator for Active Energy, Import
0x0026
Export Active Energy
Counter
5.6
R
u64
Accumulator for Active Energy, Export
0x002E
Import Reactive Energy
Counter
5.6
R
u64
Accumulator for Reactive Energy, Import
0x0036
Export Reactive Energy
Counter
5.6
R
u64
Accumulator for Reactive Energy, Export
0x003E
Minimum Record 1
5.12
R
u32
Minimum Value of the Output Quantity
Address in Min/Max Pointer 1 Register
0x0042
Minimum Record 2
5.12
R
u32
Minimum Value of the Output Quantity
Address in Min/Max Pointer 2 Register
0x0046
Reserved
—
R
u32
Reserved
0x004A
Reserved
—
R
u32
Reserved
0x004E
Maximum Record 1
5.12
R
u32
Maximum Value of the Output Quantity
Address in Min/Max Pointer 1 Register
0x0052
Maximum Record 2
5.12
R
u32
Maximum Value of the Output Quantity
Address in Min/Max Pointer 2 Register
0x0056
Reserved
—
R
u32
Reserved
0x005A
Reserved
—
R
u32
Reserved
Note 1:
The registers are unsigned, however their sign is kept as a separate bit in the System Status Register.
2:
These registers are reserved for EMI filter compensation when necessary for power supply monitoring.
They may require specific adjustment depending on PSU parameters, please contact the local Microchip
office for further support.
3:
The Overtemperature event is only available on system versions 0xFA14 and later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com