Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511T-E/MQ Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP39F511T-E/MQ
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511T-E/MQ Datasheet(HTML) 5 Page - Microchip Technology

  MCP39F511T-E/MQ Datasheet HTML 1Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 2Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 3Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 4Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 5Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 6Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 7Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 8Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 5
MCP39F511
Calibration, Calculation and Event Detection Times
Auto-Calibration Time
tCAL
—
2N x(1/fLINE)
—ms
Note 3
Minimum Time
for Voltage Surge/Sag
Detection
tAC_SASU
—
see
Section 7.0
—ms
Note 4
24-Bit Delta-Sigma ADC Performance
Analog Input
Absolute Voltage
VIN
-1
—
+1
V
Analog Input
Leakage Current
AIN
—1
—
nA
Differential Input
Voltage Range
(I1+ – I1-),
(V1+ – V1-)
-600/GAIN
—
+600/GAIN
mV
VREF = 1.2V,
proportional to VREF
Offset Error
VOS
-1
—
+1
mV
Offset Error Drift
—
0.5
—
µV/°C
Gain Error
GE
-4
—
+4
%
Note 5
Gain Error Drift
—
1
—
ppm/°C
Differential Input
Impedance
ZIN
232
—
—
k
G= 1
142
—
—
k
G= 2
72
—
—
k
G= 4
38
—
—
k
G= 8
36
—
—
k
G= 16
33
—
—
k
G= 32
Signal-to-Noise
and Distortion Ratio
SINAD
92
94.5
—
dB
Note 6
Total Harmonic Distortion
THD
—
-106.5
-103
dBc
Note 6
Signal-to-Noise Ratio
SNR
92
95
—
dB
Note 6
Spurious Free
Dynamic Range
SFDR
—
111
—
dB
Note 6
Crosstalk
CTALK
—
-122
—
dB
AC Power
Supply Rejection Ratio
AC PSRR
—
-73
—
dB
AVDD and
DVDD = 3.3V + 0.6VPP,
100 Hz, 120 Hz, 1 kHz
DC Power
Supply Rejection Ratio
DC PSRR
—
-73
—
dB
AVDD and DVDD = 3.0 to
3.6V
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD, DVDD = +2.7 to +3.6V, TA = -40°C to +125°C,
MCLK = 4 MHz, PGA GAIN = 1.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Note 1:
Calculated from reading the register values with no averaging, single computation cycle with accumulation interval of 4
line cycles.
2:
Specification by design and characterization; not production tested.
3:
N = Value in the Accumulation Interval Parameter register. The default value of this register is 2 or TCAL =80 ms for
50 Hz line.
4:
Applies to Voltage Sag and Voltage Surge events only.
5:
Applies to all gains. Offset and gain errors depend on the PGA gain setting. See Section 2.0 “Typical Performance
Curves”
for typical performance.
6:
VIN =1VPP = 353 mVRMS @ 50/60 Hz.
7:
Variation applies to internal clock and UART only. All calculated output quantities are temperature compensated to the
performance listed in the respective specification.
8:
Lower baud rates selectable only on system versions 0xFA14 and later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com