Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511T-E/MQ Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP39F511T-E/MQ
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511T-E/MQ Datasheet(HTML) 1 Page - Microchip Technology

  MCP39F511T-E/MQ Datasheet HTML 1Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 2Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 3Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 4Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 5Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 6Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 7Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 8Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 1
MCP39F511
Features
• Power Monitoring Accuracy Capable of 0.1%
Error Across 4000:1 Dynamic Range
• Built-In Calculations on Fast 16-Bit Processing
Core
- Active, Reactive, Apparent Power
- True RMS Current, RMS Voltage
- Line Frequency, Power Factor
• 64-bit Wide Import and Export Active Energy
Accumulation Registers
• 64-bit Four Quadrant Reactive Energy
Accumulation Registers
• Signed Active and Reactive Power Outputs
• Dedicated Zero Crossing Detection (ZCD) Pin
Output with Less than 200 µs Latency
• Dedicated PWM Output Pin with Programmable
Frequency and Duty Cycle
• Automatic Event Pin Control through Fast Voltage
Surge Detection Less than 5 ms Delay
• Two Wire Serial Protocol with Selectable Baud
Rate Up to 115.2 kbps using Universal
Asynchronous Receiver/Transmitter (UART)
• Four Independent Registers for Minimum and
Maximum Output Quantity Tracking
• Fast Calibration Routines and Simplified
Command Protocol
• 512 Bytes User-Accessible EEPROM through
Page Read/Write Commands
• Low-Drift Internal Voltage Reference, 10 ppm/°C
Typical
• 28-lead 5x5 QFN Package
• Extended Temperature Range -40°C to +125°C
Applications
• Power Monitoring for Home Automation
• Industrial Lighting Power Monitoring
• Real-Time Measurement of Input Power for
AC/DC Supplies
• Intelligent Power Distribution Units
Description
The MCP39F511 is a highly integrated, complete
single-phase power-monitoring IC designed for
real-time
measurement
of
input
power
for
AC/DC power supplies, power distribution units,
consumer and industrial applications. It includes
dual-channel Delta-Sigma ADCs, a 16-bit calculation
engine, EEPROM and a flexible 2-wire interface. An
integrated low-drift voltage reference with 10 ppm/°C in
addition to 94.5 dB of SINAD performance on each
measurement channel allows for better than 0.1%
accurate designs across a 4000:1 dynamic range.
Package Types
1
25
2
3
4
5
8
910 11 12
21
20
19
18
17
28 27 26
24
EVENT1
NC
UART_RX
COMMONA
NC
EP
29
6
7
OSCI
OSCO
13 14
16
15
23 22
I1+
I1-
V1-
V1+
AN_IN
AGND
EVENT2
MCP39F511
5x5 QFN*
*Includes Exposed Thermal Pad (EP);
see Table 3-1.
Power-Monitoring IC with Calculation and Energy Accumulation


Similar Part No. - MCP39F511T-E/MQ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP39F511A MICROCHIP-MCP39F511A Datasheet
1Mb / 68P
AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
10/25/17
MCP39F511A-EMQ MICROCHIP-MCP39F511A-EMQ Datasheet
1Mb / 68P
AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
10/25/17
MCP39F511AT-EMQ MICROCHIP-MCP39F511AT-EMQ Datasheet
1Mb / 68P
AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
10/25/17
MCP39F511N MICROCHIP-MCP39F511N Datasheet
889Kb / 61P
Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
10/25/17
MCP39F511N-E/MQ MICROCHIP-MCP39F511N-E/MQ Datasheet
889Kb / 61P
Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
10/25/17
More results

Similar Description - MCP39F511T-E/MQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7768 AD-ADE7768 Datasheet
404Kb / 20P
Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
8/05-Sp0 to Rev. A
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
ADE7768 AD-ADE7768_15 Datasheet
405Kb / 20P
Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
logo
Microchip Technology
MCP39F521 MICROCHIP-MCP39F521 Datasheet
1,001Kb / 52P
I2C Power Monitor with Calculation and Energy Accumulation
07/14/15
logo
Seiko Instruments Inc
S5471 SII-S5471 Datasheet
1Mb / 20P
ENERGY HARVESTING VOLTAGE MONITORING IC WITH ULTRA-LOW CURRENT CONSUMPTION
logo
Analog Devices
ADE9000 AD-ADE9000 Datasheet
1,004Kb / 73P
High Performance, Multiphase Energy Power Quality Monitoring IC
Rev. A
logo
Linear Technology
LTC2975 LINER-LTC2975 Datasheet
1Mb / 26P
4-Channel Power Supply System Featuring the Power System Manager with Input Energy Accumulation
logo
Microchip Technology
MCP39F511A MICROCHIP-MCP39F511A Datasheet
1Mb / 68P
AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
10/25/17
MCP39F511N MICROCHIP-MCP39F511N Datasheet
889Kb / 61P
Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
10/25/17
logo
Analog Devices
ADE9430 AD-ADE9430 Datasheet
1Mb / 35P
High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com