Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511T-E/MQ Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP39F511T-E/MQ
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511T-E/MQ Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP39F511T-E/MQ Datasheet HTML 8Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 9Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 10Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 11Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 12Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 13Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 14Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 15Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
MCP39F511
DS20005393B-page 12
 2015 Microchip Technology Inc.
3.1
Event Output Pins (EVENTn)
These digital output pins can be configured to act as
output flags based on various internal raise conditions.
Control is modified through the Event Configuration
register.
3.2
UART Communication Pins
(UART_RX, UART_TX)
The MCP39F511 device contains an asynchronous
full-duplex UART. The UART communication is eight
bits with Start and Stop bit. See Section 4.3 “UART
Settings”
for more information.
3.3
Common Pins (COMMONA and B)
COMMONA and COMMONB pins are internal
connections for the MCP39F511. These two pins
should be connected together in the application.
3.4
Oscillator Pins (OSCI/OSCO)
OSCI and OSCO provide the master clock for the
device. Appropriate load capacitance should be
connected to these pins for proper operation. An
optional 4 MHz crystal can be connected to these pins.
If a crystal of external clock source is not detected, the
device will clock from the internal 4 MHz oscillator.
3.5
Reset Pin (RESET)
This pin is active-low and places the Delta-Sigma
ADCs, PGA, internal VREF and other blocks associated
with the analog front-end in a Reset state when pulled
low. This input is Schmitt-triggered.
3.6
Analog Power Supply Pin (AVDD)
AVDD is the power supply pin for the analog circuitry
within the MCP39F511.
This pin requires appropriate bypass capacitors and
should be maintained to +2.7V and +3.6V for specified
operation. It is recommended to use 0.1 µF ceramic
capacitors.
3.7
Pulse Width Modulator (PWM)
This digital output is a dedicated PWM output that can
be controlled through the PWM Frequency and PWM
Duty Cycle registers. See Section 8.0 “Pulse Width
modulation (PWM)”
for more information.
3.8
24-Bit Delta-Sigma ADC
Differential Current Channel
Input Pins (I1+/I1-)
I1- and I1+ are the two fully-differential current-channel
inputs for the Delta-Sigma ADCs.
The linear and specified region of the channels are
dependent on the PGA gain. This region corresponds
to a differential voltage range of ±600 mVPEAK/GAIN
with VREF =1.2V.
The maximum absolute voltage, with respect to AGND,
for each In+/- input pin is ±1V with no distortion
and ±6V with no breaking after continuous voltage.
3.9
24-Bit Delta-Sigma ADC
Differential Voltage Channel
Inputs (V1-/V1+)
V1-
and
V1+
are
the
two
fully-differential
voltage-channel inputs for the Delta-Sigma ADCs.
The linear and specified region of the channels are
dependent on the PGA gain. This region corresponds
to a differential voltage range of ±600 mVPEAK/GAIN
with VREF =1.2V.
The maximum absolute voltage, with respect to AGND,
for each VN+/- input pin is ±1V with no distortion
and ±2V with no breaking after continuous voltage.
3.10
Analog Input (AN_IN)
This is the input to the analog-to-digital converter that
can be used for temperature measurement and
compensation.
If
temperature
compensation
is
required in the application, it is advised to connect the
low-power active thermistor IC MCP9700A to this pin.
If temperature compensation is not required, this can
be used as a general purpose analog-to-digital
converter input.
3.11
Analog Ground Pin (AGND)
AGND is the ground connection to internal analog
circuitry (ADCs, PGA, voltage reference, POR). If an
analog ground pin is available on the PCB, it is
recommended that this pin be tied to that plane.
3.12
Zero Crossing Detection (ZCD)
This digital output pin is the output of the zero crossing
detection circuit of the IC. The output here will be a
logic output with edges that transition at each zero
crossing of the voltage channel input. For more
information
see
Section 5.13
“Zero
Crossing
Detection (ZCD)”
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com