Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511T-E/MQ Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP39F511T-E/MQ
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511T-E/MQ Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP39F511T-E/MQ Datasheet HTML 41Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 42Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 43Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 44Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 45Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 46Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 47Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 48Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 45
MCP39F511
TABLE 8-2:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS
WITH PWM_TIMER_FREQ = 16 MHz (DEFAULT)
PWM Frequency
1.95 kHz
31.25 kHz
62.5 kHz
125 kHz
2.67 MHz
4 MHz
Timer Prescaler
16
1
1
111
PWM Frequency Value
FFh
FFh
7Fh
3Fh
02h
01h
Maximum Resolution (bits)
10
10
9
4
3
2
REGISTER 8-1:
PWM PERIOD REGISTER
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
PWM_P<7:0>
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
—
—
—
—
—
—PRE<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
PWM_P<7:0>:
8-bit PWM period value
bit 7-2
Unimplemented:
Read as ‘0‘
bit 1-0
PRE<1:0>:
PWM Prescaler
11
= Unused
10
= 1:16
01
= 1:4
00
= 1:1 (Default)
REGISTER 8-2:
PWM DUTY-CYCLE REGISTER
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
DUTY<9:2>
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
—
—
—
—
—
—
DUTY<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
DUTY<9:2>:
Upper 8 bits of 10-bit duty-cycle value
bit 7-2
Unimplemented:
Read as ‘0‘
bit 1-0
DUTY<1:0>:
Lower 2 bits of 10-bit duty-cycle value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com