Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511T-E/MQ Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP39F511T-E/MQ
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511T-E/MQ Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP39F511T-E/MQ Datasheet HTML 35Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 36Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 37Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 38Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 39Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 40Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 41Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 42Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 39
MCP39F511
7.0
EVENT OUTPUT PINS/EVENT
CONFIGURATION REGISTER
7.1
Event Pins
The MCP39F511 device has two event pins that can be
configured in three possible configurations. These
configurations are:
1.
No event is mapped to the pin
2.
Voltage Surge, Voltage Sag, Overcurrent, Over-
temperature or Overpower event is mapped to
the pin. More than one event can be mapped to
the same pin.
3.
Manual control of two pins, independently
These three configurations allow for the control of
external interrupts or hardware that is dependent on
the measured power, current or voltage. The Event
Configuration Register below describes how these
events and pins can be configured.
Note:
If an event is mapped to a pin, manual
control of the respective pin is not possible.
To enable manual control, no event has to
be mapped to the pin.
7.2
Limits
There are five limit registers associated with these
events:
• Overtemperature limit. The overtemperature
event is only available on system versions
0xFA14 and later.
• Voltage Sag limit
• Voltage Surge limit
• Overcurrent limit
•Overpower limit
Each of these limits are compared to the respective
output registers of voltage, current and power. It is
recommended that they have the same unit for
comparison, e.g. 0.1V, or 0.01W.
7.2.1
OVERTEMPERATURE LIMIT
The Overtemperature Limit register is compared to the
10-bit SAR output (analog input voltage register) and is
a number between 0 and 1023.
When
the
threshold
has
been
passed
the
corresponding event flags and event pins (if mapped)
will be set.
7.2.2
VOLTAGE SAG AND VOLTAGE
SURGE DETECTION
The event alarms for Voltage Sag and Voltage Surge
work differently compared to the Overcurrent and Over-
power events, which are tested against every computa-
tion cycle. These two event alarms are designed to
provide a much faster interrupt if the condition occurs.
Note that neither of these two events have a respective
Hold register associated with them, since the detection
time is less than one line cycle.
The calculation engine keeps track of a trailing mean
square of the input voltage, as defined by the following
equation:
EQUATION 7-1:
Therefore, at each data-ready occurrence, the value of
VSA is compared to the programmable threshold set in
the Voltage Sag Limit register and Voltage Surge Limit
register to determine if a flag should be set. If either of
these events are masked to either the Event1 or
Event2 pin, a logic-high interrupt will be given on these
pins.
The Sag or Surge events can be used to quickly
determine if a power failure has occurred in the system.
V
SA
2f
LINE
f
SAMPLE
--------------------------V
n
n
f
SAMPLE
2f
LINE
--------------------------
–
1
–
=
0
2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com