Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511T-E/MQ Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP39F511T-E/MQ
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511T-E/MQ Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP39F511T-E/MQ Datasheet HTML 14Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 15Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 16Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 17Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 18Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 19Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 20Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 21Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
MCP39F511
DS20005393B-page 18
 2015 Microchip Technology Inc.
TABLE 4-3:
REGISTER WRITE, N BYTES COMMAND (Note 1)
Byte #
Value
Description
Response from MCP39F511
1
0xA5
Header Byte
2
0x25
Number of Bytes in Frame
30x41
Command (Set Address Pointer)
4
0x00
Address High
5
0x82
Address Low
60x4D
Command (Register Write, N Bytes)
7
0x14
Number of Bytes to Write (20)
8-36
*Data*
Data Bytes (20 total data bytes)
37
Checksum
Checksum
ACK
Note 1:
This Register Write, N Bytes frame, as it is written here, can be used to write the entire set of
calibration target data, starting at the top, address 0x82, and continuing to write until the end of this set of
registers, 20 bytes later. Note these are not the calibration registers, but the calibration targets which need
to be written prior to issuing the auto-calibration target commands. See Section 9.0 “MCP39F511
Calibration”
for more information.
TABLE 4-4:
SET ADDRESS POINTER COMMAND (Note 1)
Byte #
Value
Description
Response from MCP39F511
1
0xA5
Header Byte
2
0x06
Number of Bytes in Frame
3
0x41
Command (Set Address Pointer)
4
0x00
Address High
50x02
Address Low
6
0xF8
Checksum
ACK
Note 1:
The Set Address Pointer command is typically included inside of a frame that includes a read or write
command, as shown in Tables 4-2 and 4-3. There is typically no reason for this command to have its own
frame, but is shown here as an example.
TABLE 4-5:
SAVE TO FLASH COMMAND
Byte #
Value
Description
Response from MCP39F511
1
0xA5
Header Byte
2
0x04
Number of Bytes in Frame
3
0x53
Command (Save To Flash)
4
0xFC
Checksum
ACK
TABLE 4-6:
PAGE READ EEPROM COMMAND
Byte #
Value
Description
Response from MCP39F511
1
0xA5
Header Byte
2
0x05
Number of Bytes in Frame
3
0x42
Command (Page Read EEPROM)
4
0x01
Page Number (e.g. 1)
5
0xF8
Checksum
ACK + EEPROM Page Data + Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com