Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP39F511T-E/MQ Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP39F511T-E/MQ
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511T-E/MQ Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP39F511T-E/MQ Datasheet HTML 44Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 45Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 46Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 47Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 48Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 49Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 50Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 51Page - Microchip Technology MCP39F511T-E/MQ Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
MCP39F511
DS20005393B-page 48
 2015 Microchip Technology Inc.
9.3.2
EXAMPLE OF RANGE SELECTION
FOR VALID CALIBRATION
In this example, the user applies a calibration current
of 1A to an uncalibrated system. The indicated value
in the Current RMS register is 2300 with the system's
specific shunt value, PGA gain, etc. The user expects
to see a value of 1000 in the Current RMS register
when 1A current is applied, meaning 1.000A with
1 mA resolution. Other given values are:
• the existing value for Gain Current RMS is 33480
• the existing value for Range is 12
By using Equation 9-1, the calculation for GainNEW
yields:
EQUATION 9-2:
When using the Auto-Calibration
Gain
com-
mand, the result would be a failed calibration or a NAK
returned form the MCP39F511, because the resulting
GainNEW is less than 25,000.
The solution is to use the Range register to bring the
measured value closer to the expected value, such
that a new gain value can be calculated within the
limits specified above.
The Range register specifies the number of right-bit
shifts (equivalent to divisions by 2) after the
multiplication with the Gain Current RMS register.
Refer to Section 5.0 “Calculation Engine (CE)
Description”
for information on the Range register.
Incrementing the Range register by 1 unit, an addi-
tional right-bit shift or ÷2 is included in the calculation.
Increasing the current range from 12 to 13 yields the
new measured Current RMS register value of 2300/2
= 1150. The expected (1000) and measured (1150)
are much closer now, so the expected new gain
should be within the limits:
EQUATION 9-3:
The resulting new gain is within the limits and the
device successfully calibrates Current RMS and
returns an ACK.
Notice that the range can be set to 14 and the result-
ing
new
gain
will
still
be
within
limits
(GainNEW = 58226). However, since this gain value is
close to the limit of the 16-bit Gain register, variations
from system to system (component tolerances, etc.)
might create a scenario where the calibration is not
successful on some units and there would be a yield
issue. The best approach is to choose a range value
that places the new gain in the middle of the bounds of
the gain registers described above.
In a second example, when applying 1A, the user
expects an output of 1.0000A with 0.1 mA resolution.
The example is starting with the same initial values:
EQUATION 9-4:
The GainNEW is much larger than the 16-bit limit of
65535, so fewer right-bit shifts must be introduced to
get the measured value closer to the expected value.
The user needs to compute the number of bit shifts
that will give a value lower than 65535. To estimate
this number:
EQUATION 9-5:
2.2 rounds to the closest integer value of 2. The range
value changes to 12 – 2 = 10; there are 2 less right-bit
shifts.
The new measured value will be 2300 x 22 =9200.
EQUATION 9-6:
The resulting new gain is within the limits and the
device successfully calibrates Current RMS and
returns an ACK.
GAIN
NEW
GAIN
OLD
Expected
Measured
---------------------------
33480
1000
2300
------------
14556
=
=
=
14556
25 000
GAIN
NEW
GAIN
OLD
Expected
Measured
---------------------------
33480
1000
1150
------------
29113
=
=
=
25 000
29113
65535

GAIN
NEW
GAIN
OLD
Expected
Measured
---------------------------
33480
10000
2300
---------------
145565
=
=
=
145565
65535
145565
65535
------------------2.2
=
GAIN
NEW
GAIN
OLD
Expected
Measured
---------------------------
33480
10000
9200
---------------
36391
=
=
=
25 000
36391
65535




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com