Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Part Number Specification for the MPC8245ARZUnnnX Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8245 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MPC8245 Part Number Specification for the MPC8245ARZUnnnX Series, Rev. 2
Freescale Semiconductor
3
General Parameters
4.1.1
Absolute Maximum Ratings
The tables in this section describe the MPC8245 DC electrical characteristics. Table 1 provides the absolute
maximum ratings.
4.1.2
Recommended Operating Conditions
Table 2 provides the recommended operating conditions for the MPC8245 part numbers described herein.
Table 1. Absolute Maximum Ratings
Characteristic 1
Symbol
Range
Unit
Supply voltage—CPU core and peripheral logic
VDD
–0.3 to 2.2
V
Supply voltage—memory bus drivers
GVDD
–0.3 to 3.6
V
Supply voltage—PCI and standard I/O buffers
OVDD
–0.3 to 3.6
V
Supply voltage—PLLs
AVDD/AVDD2
–0.3 to 2.2
V
Supply voltage—PCI reference
LVDD
–0.3 to 5.4
V
Input voltage 2
Vin
–0.3 to 3.6
V
Operational die-junction temperature range
Tj
0 to 85
°C
Storage temperature range
Tstg
–55 to 150
°C
Notes:
1. Table 2 shows functional and tested operating conditions. Absolute maximum ratings are stress ratings only, and functional
operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause permanent
damage to the device.
2. PCI inputs with LVDD = 5 V ± 5% V DC may undergo corresponding stress at voltages exceeding LVDD + 0.5 V DC.
Table 2. Recommended Operating Conditions (1)
Notes:
1. Freescale tested these operating conditions and recommends them. Proper device operation outside of these conditions is
not guaranteed.
Characteristic
Symbol
Recommended
Value for
400 MHz CPU
Unit
Supply voltage
VDD
2.1 V ± 100 mV
V
CPU PLL supply voltage
AVDD
2.1 V ± 100 mV
V
PLL supply voltage—peripheral logic
AVDD2
2.1 V ± 100 mV
V
Die-junction temperature(2)
2. For information about the thermal characteristics of this part, refer to the MPC8245 Integrated Processor Hardware
Specifications. Note that the lower die-junction temperature creates a greater need to use a heat sink with this part.
Tj
0 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com