Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Part Number Specification for the MPC8245ARZUnnnX Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC8245 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 20Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MPC8245 Part Number Specification for the MPC8245ARZUnnnX Series, Rev. 2
16
Freescale Semiconductor
Document Revision History
Document Revision History
Table B provides a revision history for this part number specification.
Table B Document Revision History
Rev. No.
Date
Substantive Change(s)
0
Original release.
0.1
Minor edit to part number.
1.0
• Added to list of parts covered by this document, including the non-A process identifier parts. Updated
Table A and Table 20.
• Nontechnical reformatting.
2
07/12/04
• Updated to Freescale template.
• Updated section numbers to accurately reflect hardware specifications sections.
• Changed junction temperature range in Table 1 to reflect range depicted in Table A (0
° to 85°C).
• Added Section 4.3.1 to illustrate DLL locking graphs for 29 angstrom parts (400- and 466-MHz parts).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com