Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Part Number Specification for the MPC8245ARZUnnnX Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8245 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MPC8245 Part Number Specification for the MPC8245ARZUnnnX Series, Rev. 2
10
Freescale Semiconductor
General Parameters
4.3.3
Output AC Timing Specification
Table 11 provides the processor bus AC timing specification for output hold time for debug signals in the 466-MHz
CPU of the MPC8245 at recommended operating conditions (see Table 2) with LVDD = 3.3 V ± 0.3 V. All output
timings assume a purely resistive 50-
Ω load (see Figure 14 in the MPC8245 Integrated Processor Hardware
Specifications). Output timings are measured at the pin; time-of-flight delays must be added for trace lengths, vias,
and connectors in the system. These specifications are for the default driver strengths listed in the MPC8245
Integrated Processor Hardware Specifications.
Table 11. Output AC Timing Specifications
Num
Characteristic
Min
Max
Unit
Notes
13b
Output hold (debug signals)
0.0
—
ns
1
Note:
1. All memory and related interface output signal specifications are specified from the VM = 1.4 V of the rising edge of the
memory bus clock, SDRAM_SYNC_IN to the TTL level (0.8 or 2.0 V) of the signal in question. SDRAM_SYNC_IN is
the same as PCI_SYNC_IN in 1:1 mode, but is twice the frequency in 2:1 mode (processor/memory bus clock rising
edges occur on every rising and falling edge of PCI_SYNC_IN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com