Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Part Number Specification for the MPC8245ARZUnnnX Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8245 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MPC8245 Part Number Specification for the MPC8245ARZUnnnX Series, Rev. 2
2
Freescale Semiconductor
Features
2
Features
This section summarizes changes to the power management feature of the MPC8245 described in the MPC8245
Integrated Processor Hardware Specifications.
3
General Parameters
This section summarizes changes to the general parameters of the MPC8245 core power supply described in the
MPC8245 Integrated Processor Hardware Specifications.
Table A. Part Numbers Addressed in this Data Sheet
Freescale
Part No.
Operating Conditions
Significant Differences from
Hardware Specification
Processor
Version
Register
Value
CPU
Frequency
(MHz)
VDD
TJ
(°C)
MPC8245RZU400D
400
2.1 ± 100 mV
0 to 85
Modified voltage and temperature
specifications to achieve 400 MHz
0x80811014
MPC8245ARZU400D
400
0 to 85
Modified voltage and temperature
specifications to achieve 400 MHz
MPC8245ARZU466D
466
0 to 85
Modified voltage and temperature
specifications to achieve 466 MHz
Note: The X prefix in a Freescale part number designates a ‘pilot production prototype’ as defined by Freescale SOP
3-13. These are from a limited production volume of prototypes that are manufactured, tested, and inspected for quality
on a qualified technology to simulate normal production. These parts have only preliminary reliability and
characterization data. Before pilot production prototypes can be shipped, written authorization from the customer must
be on file in the applicable sales office acknowledging the qualification status and the fact that product changes may still
occur while shipping pilot production prototypes.
The ‘A’ in the part number represents parts that are manufactured under a 29-angstrom process instead of the original
35-angstrom process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com