Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Part Number Specification for the MPC8245ARZUnnnX Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8245 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MPC8245 Part Number Specification for the MPC8245ARZUnnnX Series, Rev. 2
Freescale Semiconductor
13
PLL Configuration
Table 19. PLL Configurations for the 466-MHz Part Offering
Ref
PLL_CFG
[0:4]11,14,15
466-MHz Part 9
Multipliers
PCI Clock Input
(PCI_SYNC_IN)
Range1
(MHz)
Periph
Logic/Mem
Bus Clock
Range
(MHz)
CPU Clock
Range
(MHz)
PCI-to-Mem
(Mem VCO)
Mem-to-CPU
(CPU VCO)
0
00000
25–442
75–132
188–330
3 (2)
2.5 (2)
1
00001
25–442
75–132
225–396
3 (2)
3 (2)
2
0001013
509–661
50–66
225–297
1 (4)
4.5 (2)
3
0001116
508–661
50–66
100–133
1 (Bypass)
2 (4)
4
00100
25–464
50–92
100–184
2 (4)
2 (4)
6
0011017
Bypass
Bypass
Bypass
7
00111
25–332
100–133
350–466
4 (2)
3.5 (2)
8
01000
606–661
60–66
180–198
1 (4)
3 (2)
9
01001
456–661
90–132
180–264
2 (2)
2 (2)
A
01010
25–464
50–96
225–432
2 (4)
4.5 (2)
B
01011
453–661
68–99
204–297
1.5 (2)
3 (2)
C
01100
366–464
72–92
180–230
2 (4)
2.5 (2)
D
01101
453–661
68–99
238–347
1.5 (2)
3.5 (2)
E
01110
306–464
60–92
180–276
2 (4)
3 (2)
F
01111
25–442
75–132
263–462
3 (2)
3.5 (2)
10
10000
306–442
60–132
180–264
3 (2)
2 (2)
11
10001
25–332
100–132
250–330
4 (2)
2.5 (2)
12
10010
606–661
90–99
180–198
1.5 (2)
2 (2)
13
10011
25–332
100–132
300–396
4 (2)
3 (2)
14
10100
266–474
52–94
182–329
2 (4)
3.5 (2)
15
10101
273–465
68–115
272–460
2.5 (2)
4 (2)
16
10110
25–464
50–92
200–368
2 (4)
4 (2)
17
10111
25–332
100–132
200–264
4 (2)
2 (2)
18
11000
273–532
68–132
204–396
2.5 (2)
3 (2)
19
11001
366–661
72–132
180–330
2 (2)
2.5 (2)
1A
11010
509–661
50–66
200–264
1 (4)
4 (2)
1B
1101113
343–661
68–132
204–396
2 (2)
3 (2)
1C
11100
446–661
66–99
198–297
1.5 (2)
3 (2)
1D
11101
486–661
72–99
180–248
1.5 (2)
2.5 (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com