Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Part Number Specification for the MPC8245ARZUnnnX Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8245 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MPC8245 Part Number Specification for the MPC8245ARZUnnnX Series, Rev. 2
14
Freescale Semiconductor
PLL Configuration
1E
11110
333–661,2
66–132
231–462
2 (2)
3.5 (2)
1F
1111110
Not usable
Off
Off
Notes:
1.
Limited by maximum PCI input frequency (66 MHz).
2.
Limited by maximum memory interface operating frequency (133 MHz).
3.
Limited by minimum memory VCO frequency (132 MHz).
4.
Limited due to maximum memory VCO frequency (372 MHz).
5.
Limited by maximum CPU operating frequency (466 MHz).
6.
Limited by minimum CPU VCO frequency (360 MHz).
7.
Limited by maximum CPU VCO frequency (932 MHz).
8.
Limited by minimum CPU operating frequency (100 MHz).
9.
Limited by minimum memory bus frequency (50 MHz).
10. In clock off mode, no clocking occurs inside the MPC8245 regardless of the PCI_SYNC_IN input.
11. Range values are shown rounded down to the nearest whole number (decimal place accuracy removed) for
clarity.
12. PLL_CFG[0:4] settings not listed are reserved.
13. Multiplier ratios for this PLL_CFG[0:4] setting are different from the MPC8240 and are not
backwards-compatible.
14. PCI_SYNC_IN range for this PLL_CFG[0:4] setting is different from the MPC8240 and may not be fully
backwards-compatible.
15. Bits 7–4 of register offset <0xE2> contain the PLL_CFG[0:4] setting value.
16. In PLL bypass mode, the PCI_SYNC_IN input signal clocks the internal processor directly, the peripheral
logic PLL is disabled, and the bus mode is set for 1:1 (PCI:Mem) mode operation. This mode is intended for
hardware modeling support. The AC timing specifications given in this document do not apply in the PLL
bypass mode.
17. In dual PLL bypass mode, the PCI_SYNC_IN input signal clocks the internal peripheral logic directly, the
peripheral logic PLL is disabled, and the bus mode is set for 1:1 (PCI_SYNC_IN:Mem) mode operation. In
this mode, the OSC_IN input signal clocks the internal processor directly in 1:1 (OSC_IN:CPU) mode
operation, and the processor PLL is disabled. The PCI_SYNC_IN and OSC_IN input clocks must be
externally synchronized. This mode is intended for hardware modeling support. The AC timing specifications
given in this document do not apply in the dual PLL bypass mode.
Table 19. PLL Configurations for the 466-MHz Part Offering (continued)
Ref
PLL_CFG
[0:4]11,14,15
466-MHz Part 9
Multipliers
PCI Clock Input
(PCI_SYNC_IN)
Range1
(MHz)
Periph
Logic/Mem
Bus Clock
Range
(MHz)
CPU Clock
Range
(MHz)
PCI-to-Mem
(Mem VCO)
Mem-to-CPU
(CPU VCO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com