Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Part Number Specification for the MPC8245ARZUnnnX Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC8245 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MPC8245 Part Number Specification for the MPC8245ARZUnnnX Series, Rev. 2
Freescale Semiconductor
15
Ordering Information
9
Ordering Information
Ordering information for the parts covered in this document is provided in Section 9.1, “Part Numbers Fully
Addressed by This Document.” Section 9.2, “Part Marking,” addresses the marking specifications.
9.1
Part Numbers Fully Addressed by This Document
Table 21 provides the ordering information for the MPC8245 parts described herein. Note that the individual part
numbers correspond to a maximum processor core frequency.
9.2 Part Marking
Parts are marked as in the example shown in Figure 33.
Figure 33. Freescale Part Marking for TBGA Device
Table 21. Part Numbering Nomenclature
MPC
nnnn
X(1)
Notes:
1. Note that on the standard ‘L’ specification, the process descriptor is not added because it is the standard size for
the part (35 angstrom). The 400- and 466-MHz parts marked with ‘A’ follow a different process description
(29 angstrom), which is different from the 35-angstrom process on the 350-MHz and lower frequency parts.
R
xx
nnn
X
Product
Code
Part
Identifier
Process
Descriptor
Part
Specification
Package
Processor
Frequency
(MHz)
Revision Level
MPC
8245
—
R = Partial Spec.
2.1 V ± 100 mV
0
° to 85°C
ZU = TBGA
400
Contact local Freescale
sales office
A =
29 Angstrom
R = Partial Spec.
2.1 V ± 100 mV
0
° to 85°C
ZU = TBGA
400, 466
Contact local Freescale
sales office
Notes:
MMMMMM is the 6-digit mask number.
ATWLYYWWA is the traceability code.
MPC8245AR
ZUnnnx
MMMMMM
ATWLYYWWA
8245
TBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com