Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Part Number Specification for the MPC8245ARZUnnnX Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8245 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MPC8245 Part Number Specification for the MPC8245ARZUnnnX Series, Rev. 2
4
Freescale Semiconductor
General Parameters
4.1.5
Power Characteristics
The AC electrical characteristics and AC timing for the parts described in this document are unaffected, and comply
with the MPC8245 Integrated Processor Hardware Specifications. Table 5 provides the power consumption for the
MPC8245 part numbers described herein.
Table 5. Power Consumption
Mode
PCI Bus Clock/Memory Bus Clock
CPU Clock Frequency (MHz)
Unit
Notes
66/133/399
66/133/466
Typical
2.8
3.2
W
1, 5
Max—CFP
3.3
3.6
W
1, 2
Max—INT
2.8
3.1
W
1, 3
Doze
1.9
2.1
W
1, 4, 6
Nap
0.7
0.8
W
1, 4, 6
Sleep
0.4
0.4
W
1, 4, 6
I/O Power Supplies10
Mode
Range
Range
Unit
Notes
Typ—OVDD
140–360
140–360
mW
7, 8
Typ—GVDD
340–920
340–930
mW
7, 9
Notes:
1.
The values include VDD, AVDD, and AVDD2, but do not include I/O supply power.
2.
Maximum—FP power is measured at VDD = 2.1 V with dynamic power management enabled while running an entirely
cache-resident, looping, floating point multiplication instruction.
3.
Maximum—INT power is measured at VDD = 2.1 V with dynamic power management enabled while running entirely
cache-resident, looping, integer instructions.
4.
Power saving mode maximums are measured at VDD = 2.1 V while the device is in doze, nap, or sleep mode.
5.
Typical power is measured at VDD = AVDD = 2.1 V, OVDD = 3.3 V where a nominal FP value, a nominal INT value, and a
value where there is a continuous flush of cache lines with alternating ones and zeros on 64-bit boundaries to local memory
are averaged.
6.
Power saving mode data measured with only two PCI_CLKs and two SDRAM_CLKs enabled.
7.
The typical minimum I/O power values was the result of the MPC8245 performing cache resident integer operations at the
slowest frequency combination of 33:66:200 (PCI:Mem:CPU) MHz.
8.
The typical maximum OVDD value resulted from the MPC8245 operating at the fastest frequency combination of
66:133:399 (PCI:Mem:CPU) MHz for the 400-MHz part, 66:133:466 (PCI:Mem:CPU) MHz for the 466-MHz part, and
performing continuous flushes of cache lines with alternating ones and zeros to PCI memory.
9.
The typical maximum GVDD value resulted from the MPC8245 operating at the fastest frequency combination of
66:133:399 (PCI:Mem:CPU) MHz for the 400-MHz part, 66:133:466 (PCI:Mem:CPU) MHz for the 466-MHz part, and
performing continuous flushes of cache lines with alternating ones and zeros on 64-bit boundaries to local memory.
10. Power consumption of PLL supply pins (AVDD and AVDD2) < 15 mW that the design guarantees but were not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com