Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCS3142_14 Datasheet HTML 22Page - Microchip Technology MCS3142_14 Datasheet HTML 23Page - Microchip Technology MCS3142_14 Datasheet HTML 24Page - Microchip Technology MCS3142_14 Datasheet HTML 25Page - Microchip Technology MCS3142_14 Datasheet HTML 26Page - Microchip Technology MCS3142_14 Datasheet HTML 27Page - Microchip Technology MCS3142_14 Datasheet HTML 28Page - Microchip Technology MCS3142_14 Datasheet HTML 29Page - Microchip Technology MCS3142_14 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
MCS3142
DS40001747A-page 26
 2014 Microchip Technology Inc.
7.3
Code Word Completion
MCS3142 always ensures that a full and complete
code word is transmitted even if all buttons are
released before transmission is complete. Multiple
code words may be transmitted after release to comply
with the minimum code word configuration option.
7.4
Minimum and Maximum Code
Word
The Minimum and Maximum Code Word feature places
boundaries on the total duration of a transmission.
This feature is configured by setting the number of
code words for a given encoder. The device will always
transmit a complete code word. Because the code
word durations are fixed and known, it is possible to
convert code word counts into a duration time.
Code word duration is fixed and based on the selected
bit rate, data encoding method and encoder type. As
described in Section 6.1 “Data Modulation Format
and Baud Rate”, all timing is derived from TE, the Time
Element, which describes the duration of a single
element of transmission. A Manchester-encoded signal
has two TE per bit; a PWM-encoded signal has three TE
per bit.
This feature is configured with the Minimum and
Maximum Code Words Count Configuration registers
(see Table 3-8 for the Classic KEELOQ encoder and
Table 3-16 for the Ultimate KEELOQ encoder). Table 7-2
defines equations to convert code word length into time.
7.5
Blank Alternate Code Word
The Blank Alternate Code Word feature may be used to
reduce the average power of a transmission by
transmitting only every second or every fourth code word.
Enabling this option may allow the manufacturer to
transmit a higher amplitude transmission as the
time-averaged power is reduced. This feature is
configured in the Encoder Configuration registers, see
Table 3-6 for the Classic KEELOQ encoder and Table 3-14
for the Ultimate KEELOQ encoder.
TABLE 7-2:
TRANSMISSION DURATION EQUATIONS
Encoder Type
Data Encoding
Code Word Duration
Classic KEELOQ® Encoder
Manchester
PWM
Ultimate KEELOQ® Encoder
Manchester
PWM
TC
187TE 23.979 ms
+
=
TC
201TE 23.979 ms
+
=
TC
437TE 46.527 ms
+
=
TC
629TE 46.527 ms
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com