Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCS3142_14 Datasheet HTML 13Page - Microchip Technology MCS3142_14 Datasheet HTML 14Page - Microchip Technology MCS3142_14 Datasheet HTML 15Page - Microchip Technology MCS3142_14 Datasheet HTML 16Page - Microchip Technology MCS3142_14 Datasheet HTML 17Page - Microchip Technology MCS3142_14 Datasheet HTML 18Page - Microchip Technology MCS3142_14 Datasheet HTML 19Page - Microchip Technology MCS3142_14 Datasheet HTML 20Page - Microchip Technology MCS3142_14 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
 2014 Microchip Technology Inc.
DS40001747A-page 17
MCS3142
4.5
Code Word Format
FIGURE 4-1:
CLASSIC KEELOQ® CODE WORD FORMAT
4.5.1
HOPPING CODE PORTION
The hopping code portion is calculated by encrypting
the synchronization counter, discrimination value and
function code with the encoder key. The hopping code
is calculated when a button press is registered.
4.5.2
FIXED CODE PORTION
The fixed code portion consists of 28 bits of the serial
number and a copy of the 4-bit function code. Two bits
of constant zero are prepended to the fixed code
portion.
4.5.3
SEED WORD FORMAT
A seed transmission transmits a code word that
consists of 60 bits of fixed data that is stored in the NVM
by the manufacturer. This can be used for secure
learning of encoders or whenever a fixed code
transmission is required. The seed code word format is
shown is Figure 4-2. The function code for a seed
transmission is always ‘1111’.
The
seed
word
is
transmitted
whenever
a
seed-configured button combination is registered. If the
Delayed option is enabled, the encoder will transmit 25
typical code words before transmitting seed words. If
the Limited option is enabled, the seed word will only
be transmitted if the encoder’s synchronization counter
is less than 256. If the synchronization counter is above
this, a typical code word will be transmitted instead.
FIGURE 4-2:
CLASSIC KEELOQ® SEED WORD FORMAT
Blan k
Ser ial Numbe r
Functio n
Code
DIS C
34 bits
Fixe d P ortion
Rev. 20-000 006A
8/29/201 3
Functio n
Code
Counter
Over
Flow
Sync
Counter
32 bits
Encrypted Portion
2-bits
4-bits
28-bits
4-bits
2-bits
10-bits
16-bits
Blank
Serial Number
Function
Code
6 bits
Fixed
Rev. 20-000008A
10/2/2013
60 bits
Seed
2-bits
4-bits
60-bits
Note:
In Seed code word, the fixed portion is sent as
0b001111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com