Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 5 Page - Microchip Technology

  MCS3142_14 Datasheet HTML 1Page - Microchip Technology MCS3142_14 Datasheet HTML 2Page - Microchip Technology MCS3142_14 Datasheet HTML 3Page - Microchip Technology MCS3142_14 Datasheet HTML 4Page - Microchip Technology MCS3142_14 Datasheet HTML 5Page - Microchip Technology MCS3142_14 Datasheet HTML 6Page - Microchip Technology MCS3142_14 Datasheet HTML 7Page - Microchip Technology MCS3142_14 Datasheet HTML 8Page - Microchip Technology MCS3142_14 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
 2014 Microchip Technology Inc.
DS40001747A-page 5
MCS3142
Most low-end keyless entry transmitters are given a
fixed identification code that is transmitted every time a
button is pushed. The number of unique identification
codes in a low-end system is usually a relatively small
number. These shortcomings provide an opportunity
for a sophisticated thief to create a device that ‘grabs’
a transmission and retransmits it later, or a device that
quickly ‘scans’ all possible identification codes until the
correct one is found.
MCS3142, on the other hand, employs both the Classic
and Ultimate KEELOQ code hopping technology. The
high-security level of MCS3142 is based on the
patented KEELOQ technology.
For Classic KEELOQ technology, a block cipher based
on a block length of 32 bits and a key length of 64 bits
is used. The algorithm obscures the information in such
a way that if a single hopping code data bit changes
(before encryption), statistically more than 50% of the
encrypted data bits will change.
Ultimate KEELOQ technology uses the industry
standard AES-128 encryption algorithm to obscure
data using 128 bits for both its block and key length. In
addition to the security of Classic KEELOQ technology,
Ultimate KEELOQ technology sends a time-stamp as
part of the transmission. This can prevent other more
sophisticated attacks such as the ‘jam-and-relay’
attack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com