Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 2 Page - Microchip Technology

  MCS3142_14 Datasheet HTML 1Page - Microchip Technology MCS3142_14 Datasheet HTML 2Page - Microchip Technology MCS3142_14 Datasheet HTML 3Page - Microchip Technology MCS3142_14 Datasheet HTML 4Page - Microchip Technology MCS3142_14 Datasheet HTML 5Page - Microchip Technology MCS3142_14 Datasheet HTML 6Page - Microchip Technology MCS3142_14 Datasheet HTML 7Page - Microchip Technology MCS3142_14 Datasheet HTML 8Page - Microchip Technology MCS3142_14 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
MCS3142
DS40001747A-page 2
 2014 Microchip Technology Inc.
TABLE 1:
PIN DESCRIPTION
Name
20-Pin TSSOP
Input Type
Output Type
Description
VDD
1
Power
Power
SOSCI
2
Analog
Secondary Oscillator
SOSCO
3
Analog
Secondary Oscillator
SW3
4
TTL
Switch 3 Input
PGC
5
TTL
Programming Clock
PGD
6
TTL
TTL
Programming Data
7
No Connection; Tie to Vss
VDD
8
Power
Power
CTRL_IN
9
TTL
Transmitter Clock
RFOUT
10
RF
Transmitter Output
VSS
11
Power
Power
DATA_IN
12
TTL
Transmitter Data
XTAL
13
Analog
Transmitter Reference Oscillator
CTRL_OUT
14
TTL
Transmitter Clock
DATA_OUT
15
TTL
Transmitter Data
LED
16
TTL
LED Output (active-low)
SW2
17
TTL
Switch 2 Input
SW1
18
TTL
Switch 1 Input
SW0
19
TTL
Switch 0 Input
VSS
20
Power
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com