Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCS3142_14 Datasheet HTML 9Page - Microchip Technology MCS3142_14 Datasheet HTML 10Page - Microchip Technology MCS3142_14 Datasheet HTML 11Page - Microchip Technology MCS3142_14 Datasheet HTML 12Page - Microchip Technology MCS3142_14 Datasheet HTML 13Page - Microchip Technology MCS3142_14 Datasheet HTML 14Page - Microchip Technology MCS3142_14 Datasheet HTML 15Page - Microchip Technology MCS3142_14 Datasheet HTML 16Page - Microchip Technology MCS3142_14 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
 2014 Microchip Technology Inc.
DS40001747A-page 13
MCS3142
0x55
7
Reserved
Leave ‘0’
6:5
Blank Alternate Code Word
Configuration
00 = All words transmitted
01 = One in two words transmitted
10 = One in four words transmitted
11 = Reserved; illegal value
4:1
Reserved
0
Line Encoding
0 = PWM
1 = Manchester
TABLE 3-14:
ULTIMATE KEELOQ® TECHNOLOGY ENCODER CONFIGURATION REGISTERS
TABLE 3-15:
ULTIMATE KEELOQ® TECHNOLOGY TRANSMITTER CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x56
7:5
Frequency Deviation
Low three bits of frequency deviation calculation (see
Section 6.4 “Center Frequency and Frequency
Deviation”)
4Output Power
0 = 0 dBm
1 = +10 dBm
3:0
Reserved
Reserved, maintain as ‘1100’
0x57
7
Reserved
Reserved, maintain as ‘0’
6
Data Encoding
0 = FSK
1 = OOK
5Band
0 = 310-450 MHz
1 = 868-870, 902-928 MHz
4:0
Frequency Deviation
High five bits of frequency deviation calculation (see
Section 6.4 “Center Frequency and Frequency
Deviation”)
TABLE 3-16:
ULTIMATE KEELOQ® TECHNOLOGY MINIMUM AND MAXIMUM CODE WORDS
COUNT CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x58
7:0
Minimum Code Word Count
Integer value of the minimum number of code words
sent
0x59
7:0
Maximum Code Word Count
Least Significant eight bits of value of the maximum
number of code words sent
0x5A
7:0
Most Significant eight bits of value of the maximum
number of code words sent
TABLE 3-17:
ULTIMATE KEELOQ® TECHNOLOGY TIME ELEMENT VALUE CONFIGURATION
REGISTER
Byte Address
Bit
Description
Values
0x5B
7:0
Time Element Timer Value
See Section 5.2 “Encoder Time-Stamp”
TABLE 3-18:
ENCODER FREQUENCY CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x5C
7:0
RF Frequency
Least Significant Byte of encoder frequency
0x5D
7:0
Middle byte of encoder frequency
0x5E
7:0
Most Significant Byte of encoder frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com