Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCS3142_14 Datasheet HTML 3Page - Microchip Technology MCS3142_14 Datasheet HTML 4Page - Microchip Technology MCS3142_14 Datasheet HTML 5Page - Microchip Technology MCS3142_14 Datasheet HTML 6Page - Microchip Technology MCS3142_14 Datasheet HTML 7Page - Microchip Technology MCS3142_14 Datasheet HTML 8Page - Microchip Technology MCS3142_14 Datasheet HTML 9Page - Microchip Technology MCS3142_14 Datasheet HTML 10Page - Microchip Technology MCS3142_14 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
 2014 Microchip Technology Inc.
DS40001747A-page 7
MCS3142
3.0
MEMORY ORGANIZATION
MCS3142 has 128 bytes of configuration data. In
general, the Configuration bytes can be divided into
three categories: those options related to the Classic
KEELOQ technology encoder, those options related to
the Ultimate KEELOQ technology encoder, and those
options related to the transmitter and device operation
shared by the two encoders.
TABLE 3-1:
CONFIGURATION REGISTERS
Address
Size (Bytes)
Description
0x00-0x07
8
Classic KEELOQ® Technology Crypt Key
0x08-0x0F
8
Classic KEELOQ Technology Seed Value
0x10-0x13
4
Classic KEELOQ Technology Serial Number
0x14-0x15
2
Classic KEELOQ Technology DISC Value
0x16-0x17
2
Classic KEELOQ Technology Encoder Configuration
0x18-0x19
2
Classic KEELOQ Technology Transmitter Configuration
0x1A
1
Classic KEELOQ Technology Minimum Packet
0x1B-0x1C
2
Classic KEELOQ Technology Maximum Packet
0x1D
1
Classic KEELOQ Technology Time Element PR2 Value
0x1E-0x2D
16
Ultimate KEELOQ Technology Crypt Key
0x2E-0x3D
16
Ultimate KEELOQ Technology Seed Value
0x3E-0x41
4
Ultimate KEELOQ Technology Serial Number
0x42-0x43
2
Reserved
0x44-0x53
16
Ultimate KEELOQ Technology Authorization Code
0x54-0x55
2
Ultimate KEELOQ Technology Encoder Configuration
0x56-0x57
2
Ultimate KEELOQ Technology Transmitter Configuration
0x58
1
Ultimate KEELOQ Technology Minimum Packet
0x59-0x5A
2
Ultimate KEELOQ Technology Maximum Packet
0x5B
1
Ultimate KEELOQ Technology Time Element PR2 Value
0x5C-0x5E
3
Encoder Frequency Setting
0x5F-0x60
2
Encoder Button Configuration
0x61-0x62
2
Seed Packet Button Configuration
0x63-0x65
3
Ultimate KEELOQ Technology Synchronization Counter, Copy 1
0x66
1
Ultimate KEELOQ Technology Synchronization Counter CRC, Copy 1
0x67-0x68
2
Classic KEELOQ Technology Synchronization Counter, Copy 1
0x69
1
Classic KEELOQ Technology Synchronization Counter CRC, Copy 1
0x6A-0x6B
2
Ultimate KEELOQ Technology Reset Counter, Copy 1
0x6C
1
Ultimate KEELOQ Technology Reset Counter CRC, Copy 1
0x6D-0x70
4
Ultimate KEELOQ Technology Low-Speed Timer, Copy 1
0x71
1
Ultimate KEELOQ Technology Low-Speed Timer CRC, Copy 1
0x72-0x74
3
Ultimate KEELOQ Technology Synchronization Counter, Copy 2
0x75
1
Reserved
0x76-0x77
2
Classic KEELOQ Technology Synchronization Counter, Copy 2
0x78
1
Reserved
0x79-0x7A
2
Ultimate KEELOQ Technology Reset Counter, Copy 2
0x7B
1
Reserved
0x7C-0x7F
4
Ultimate KEELOQ Technology Timer, Copy 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com