Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCS3142_14 Datasheet HTML 5Page - Microchip Technology MCS3142_14 Datasheet HTML 6Page - Microchip Technology MCS3142_14 Datasheet HTML 7Page - Microchip Technology MCS3142_14 Datasheet HTML 8Page - Microchip Technology MCS3142_14 Datasheet HTML 9Page - Microchip Technology MCS3142_14 Datasheet HTML 10Page - Microchip Technology MCS3142_14 Datasheet HTML 11Page - Microchip Technology MCS3142_14 Datasheet HTML 12Page - Microchip Technology MCS3142_14 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
 2014 Microchip Technology Inc.
DS40001747A-page 9
MCS3142
3.2
Configuration Byte Details
The following tables describe Configuration bytes in
detail.
TABLE 3-2:
CLASSIC KEELOQ® TECHNOLOGY CRYPT KEY CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x00
7:0
Crypt Key
Least Significant eight bits of the crypt key
0x01
7:0
Byte 1 of the crypt key
0x02
7:0
Byte 2 of the crypt key
0x03
7:0
Byte 3 of the crypt key
0x04
7:0
Byte 4 of the crypt key
0x05
7:0
Byte 5 of the crypt key
0x06
7:0
Byte 6 of the crypt key
0x07
7:0
Most Significant eight bits of the crypt key
TABLE 3-3:
CLASSIC KEELOQ® TECHNOLOGY SEED CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x08
7:0
Seed
Least Significant eight bits of the seed
0x09
7:0
Byte 1 of the seed
0x0A
7:0
Byte 2 of the seed
0x0B
7:0
Byte 3 of the seed
0x0C
7:0
Byte 4 of the seed
0x0D
7:0
Byte 5 of the seed
0x0E
7:0
Byte 6 of the seed
0x0F
7:0
Most Significant eight bits of the seed
TABLE 3-4:
CLASSIC KEELOQ® TECHNOLOGY SERIAL NUMBER CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x10
7:0
Serial Number
Least Significant eight bits of the serial number
0x11
7:0
Byte 1 of the serial number
0x12
7:0
Byte 2 of the serial number
0x13
3:0
Most Significant four bits of the serial number
7:4
Reserved
Maintain as ‘0000’
TABLE 3-5:
CLASSIC KEELOQ® TECHNOLOGY DISC CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x14
7:0
DISC Value
Least Significant eight bits of DISC value
0x15
1:0
Most Significant two bits of DISC value
7:2
Reserved
Maintain as ‘000000’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com