Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCS3142_14 Datasheet HTML 6Page - Microchip Technology MCS3142_14 Datasheet HTML 7Page - Microchip Technology MCS3142_14 Datasheet HTML 8Page - Microchip Technology MCS3142_14 Datasheet HTML 9Page - Microchip Technology MCS3142_14 Datasheet HTML 10Page - Microchip Technology MCS3142_14 Datasheet HTML 11Page - Microchip Technology MCS3142_14 Datasheet HTML 12Page - Microchip Technology MCS3142_14 Datasheet HTML 13Page - Microchip Technology MCS3142_14 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
MCS3142
DS40001747A-page 10
 2014 Microchip Technology Inc.
TABLE 3-6:
CLASSIC KEELOQ® TECHNOLOGY ENCODER CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x16
7:6
Seed Option
00 = No seed
01 = Limited and immediate
10 = Permanent and delayed
11 = Permanent and immediate
5:2
Reserved
Leave ‘0000’
1:0
Time Element Clock Prescaler 00 = 1:1
01 = 1:4
10 = 1:16
11 = 1:64
0x17
7
Reserved
Leave ‘0’
6:5
Blank Alternate Code Word
Configuration
00 = All words transmitted
01 = One in two words transmitted
10 = One in four words transmitted
11 = Reserved; illegal value
4:1
Reserved
—
0
Line Encoding
0 = PWM
1 = Manchester
TABLE 3-7:
CLASSIC KEELOQ® TECHNOLOGY TRANSMITTER CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x18
7:5
Frequency Deviation
Low three bits of frequency deviation calculation (see
Section 6.4 “Center Frequency and Frequency Devia-
tion”)
4Output Power
0 = 0 dBm
1 = +10 dBm
3:0
Reserved
Reserved, maintain as ‘1100’
0x19
7
Reserved
Reserved, maintain as ‘0’
6
Data Encoding
0 = FSK
1 = OOK
5Band
0 = 310-450 MHz
1 = 868-870, 902-928 MHz
4:0
Frequency Deviation
High five bits of frequency deviation calculation
TABLE 3-8:
CLASSIC KEELOQ® TECHNOLOGY MINIMUM AND MAXIMUM CODE WORDS COUNT
CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x1A
7:0
Minimum Code Word Count
Integer value of the minimum number of code words sent
0x1B
7:0
Maximum Code Word Count
Least Significant eight bits of value of the maximum
number of code words sent
0x1C
7:0
Most Significant eight bits of value of the maximum
number of code words sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com