Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2126 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC2126
Description  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2126 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC2126 Datasheet HTML 17Page - Microchip Technology MIC2126 Datasheet HTML 18Page - Microchip Technology MIC2126 Datasheet HTML 19Page - Microchip Technology MIC2126 Datasheet HTML 20Page - Microchip Technology MIC2126 Datasheet HTML 21Page - Microchip Technology MIC2126 Datasheet HTML 22Page - Microchip Technology MIC2126 Datasheet HTML 23Page - Microchip Technology MIC2126 Datasheet HTML 24Page - Microchip Technology MIC2126 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
 2015 Microchip Technology Inc.
DS20005459B-page 21
MIC2125/6
EQUATION 5-6:
The high-side MOSFET switching losses increase with
the switching frequency and the input voltage. The
low-side MOSFET switching losses are negligible and
can be ignored for these calculations.
5.3
Inductor Selection
Inductance value, saturation, and RMS currents are
required to select the output inductor. The input and
output voltages and the inductance value determine
the peak-to-peak inductor ripple current. Larger
peak-to-peak ripple current increases the power
dissipation in the inductor and MOSFETs. Larger
output ripple current also requires more output
capacitance to smooth out the larger ripple current.
Smaller peak-to-peak ripple current requires a larger
inductance value and therefore a larger and more
expensive inductor.
A good compromise between size, loss, and cost is to
set the inductor ripple current to be equal to 40% of the
maximum output current.
The inductance value is calculated by Equation 5-7.
EQUATION 5-7:
The peak-to-peak inductor current ripple is:
EQUATION 5-8:
The peak inductor current is equal to the average
output current plus one half of the peak-to-peak
inductor current ripple.
EQUATION 5-9:
The saturation current rating is given by:
EQUATION 5-10:
The RMS inductor current is used to calculate the I2R
losses in the inductor.
EQUATION 5-11:
Maximizing efficiency requires the proper selection of
core material and minimizing the winding resistance.
The high-frequency operation of the MIC2125/6
requires the use of ferrite materials. Lower cost iron
powder cores may be used, but the increase in core
loss reduces the efficiency of the power supply. This is
especially noticeable at low output power. The winding
resistance decreases efficiency at the higher output
current levels. The winding resistance must be
minimized, although this usually comes at the expense
of a larger inductor. The power dissipated in the
inductor is equal to the sum of the core and copper
losses. At higher output loads, the core losses are
usually insignificant and can be ignored. At lower
output currents, the core losses can be significant.
Core loss information is usually available from the
magnetics vendor.
The amount of copper loss in the inductor is calculated
by Equation 5-12:
EQUATION 5-12:
t
F
Q
SW HS

R
HSD PULL
UP
–

R
HS GATE

+

V
TH
-----------------------------------------------------------------------------------------------------------
=
Where:
RHSD(PULL-UP)
High-Side Gate Driver Pull-Up
Resistance
RHSD(PULL-DOWN) High-Side Gate Driver Pull-Down
Resistance
RHS(GATE)
High-Side MOSFET Gate
Resistance
QSW(HS)
Switching Gate Charge of the
High-Side MOSFET
VTH
Gate Threshold Voltage
L
V
OUT
V
IN MAX

V
OUT
–

V
IN MAX

f
SW
0.4
I
OUT MAX

-------------------------------------------------------------------------------------
=
Where:
fSW
Switching Frequency
0.4
Ratio of AC Ripple Current to DC Output
Current
VIN(MAX)
Maximum Power Stage Input Voltage
I
LPP

V
OUT
V
IN MAX

V
OUT
–

V
IN MAX

f
SW
L
--------------------------------------------------------------------
=
I
LPK

I
OUT MAX

0.5
I
LPP

+
=
I
LSAT

R
CL
I
CL
 V
OFFSET
–
R
DS ON

---------------------------------------------------------
=
Where:
RCL
Current-Limit Resistor
ICL
Current-Limit Source Current
VOFFSET
Current-Limit Comparator Offset
RDS(ON)
On-Resistance of Low-Side Power
MOSFET
I
LRMS

I
OUT MAX

2
I
LPP

2
12
---------------------
+
=
P
INDUCTOR CU

I
LRMS

2
R
WINDING
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com