Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2126 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC2126
Description  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2126 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC2126 Datasheet HTML 18Page - Microchip Technology MIC2126 Datasheet HTML 19Page - Microchip Technology MIC2126 Datasheet HTML 20Page - Microchip Technology MIC2126 Datasheet HTML 21Page - Microchip Technology MIC2126 Datasheet HTML 22Page - Microchip Technology MIC2126 Datasheet HTML 23Page - Microchip Technology MIC2126 Datasheet HTML 24Page - Microchip Technology MIC2126 Datasheet HTML 25Page - Microchip Technology MIC2126 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
MIC2125/6
DS20005459B-page 22
 2015 Microchip Technology Inc.
5.4
Output Capacitor Selection
The type of the output capacitor is usually determined
by its equivalent series resistance (ESR). Voltage and
RMS current capability are two other important factors
for selecting the output capacitor. Recommended
capacitor types are ceramic, tantalum, low-ESR
aluminum electrolytic, OS-CON, and POSCAP. The
output capacitor’s ESR is usually the main cause of the
output ripple. The output capacitor ESR also affects the
control loop from a stability point of view. The maximum
value of ESR is calculated by Equation 5-13.
EQUATION 5-13:
The required output capacitance is calculated in
Equation 5-14.
EQUATION 5-14:
As described in the Theory of Operation subsection of
the Functional Description, the MIC2125/26 requires at
least 20 mV peak-to-peak ripple at the FB pin to ensure
that the gm amplifier and the comparator behave
properly. Also, the output voltage ripple should be in
phase with the inductor current. Therefore, the output
voltage ripple caused by the output capacitors value
should be much smaller than the ripple caused by the
output capacitor ESR. If low-ESR capacitors, such as
ceramic capacitors, are selected as the output
capacitors, a ripple injection method should be applied
to provide the enough feedback voltage ripple. Refer to
the Ripple Injection subsection for details.
The voltage rating of the capacitor should be twice the
output voltage for a tantalum and 20% greater for
aluminum electrolytic or OS-CON. The output capacitor
RMS current is calculated in Equation 5-15.
EQUATION 5-15:
The power dissipated in the output capacitor is:
EQUATION 5-16:
5.5
Input Capacitor Selection
The input capacitor reduces peak current drawn from
the power supply and reduces noise and voltage ripple
on the input. The input voltage ripple depends on the
input capacitance and ESR. The input capacitance and
ESR values are calculated by using Equation 5-17 and
Equation 5-18.
EQUATION 5-17:
EQUATION 5-18:
The input capacitor should be qualified for ripple
current rating and voltage rating. The RMS value of the
input capacitor current is determined at the maximum
output current. Assuming the peak-to-peak inductor
current ripple is low:
EQUATION 5-19:
The power dissipated in the input capacitor is:
EQUATION 5-20:
ESR
C
OUT
V
OUT PP

I
LPP

---------------------------
Where:
∆VOUT(PP) Peak-to-Peak Output Voltage Ripple
∆IL(PP)
Peak-to-Peak Inductor Current Ripple
C
OUT
I
LPP

V
OUT PP

f
SW
8
---------------------------------------------------
=
Where:
COUT
Output Capacitance Value
fSW
Switching Frequency
I
C
OUT RMS

I
LPP

12
------------------
=
P
DISS COUT

I
COUT RMS

2
ESR
COUT
=
C
IN
I
OUT
D
1
D
–

V
IN C

f
SW
-----------------------------------------------
=
Where:
IOUT
Load Current
ƞ
Power Conversion Efficiency
∆VIN(C)
Input Ripple Due to Capacitance Value
ESR
CIN
V
IN ESR

I
LPK

-------------------------
=
Where:
∆VIN(ESR)
Input Ripple Due to Capacitor ESR
Value
IL(PK)
Peak Inductor Current
I
CIN RMS

I
OUT MAX

D
1
D
–

P
DISS CIN

I
CIN RMS

2
ESR
CIN
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com