Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2126 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC2126
Description  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2126 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC2126 Datasheet HTML 11Page - Microchip Technology MIC2126 Datasheet HTML 12Page - Microchip Technology MIC2126 Datasheet HTML 13Page - Microchip Technology MIC2126 Datasheet HTML 14Page - Microchip Technology MIC2126 Datasheet HTML 15Page - Microchip Technology MIC2126 Datasheet HTML 16Page - Microchip Technology MIC2126 Datasheet HTML 17Page - Microchip Technology MIC2126 Datasheet HTML 18Page - Microchip Technology MIC2126 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
 2015 Microchip Technology Inc.
DS20005459B-page 15
MIC2125/6
Note:
Unless otherwise noted, VIN = 12V, FREQ = 350 kHz.
FIGURE 2-49:
Switching Waveform, IOUT =
10A.
FIGURE 2-50:
Switching Waveform, IOUT =
20A.
FIGURE 2-51:
MIC2125 Switching
Waveform, IOUT = 0A.
FIGURE 2-52:
MIC2125 Switching
Waveform, IOUT = 0.1A.
FIGURE 2-53:
Power Good at VIN Soft
Turn-On.
FIGURE 2-54:
Power Good at VIN Soft
Turn-Off.
V
IN = 12V
V
OUT = 1.2V
I
OUT = 10A
Time (2μs/div)
I
L
(10A/div)
V
SW
(5V/div)
V
OUT
(20mV/div)
(AC-coupled)
OUT
V
IN = 12V
V
OUT = 1.2V
I
OUT = 20A
Time (2μs/div)
I
L
(10A/div)
V
OUT
(20mV/div)
(AC-Coupled)
V
SW
(5V/div)
OUT
V
IN = 12V
V
OUT = 1.2V
I
OUT = 0A
Time (4μs/div)
V
DL
(5V/div)
I
L
(2A/div)
V
SW
(10V/div)
V
DH
(10V/div)
OUT
V
IN = 12V
V
OUT = 1.2V
I
OUT = 0.1A
Time (4μs/div)
V
DL
(5V/div)
I
L
(2V/div)
V
SW
(10V/div)
V
DH
(10V/div)
OUT
V
IN = 12V
V
OUT = 1.2V
I
OUT = 0A
Time (4ms/div)
V
PG
(5V/div)
V
IN
(5V/div)
V
OUT
(1V/div)
IN
V
IN = 12V
V
OUT = 1.2V
I
OUT = 0A
Time (20ms/div)
V
PG
(5V/div)
V
IN
(5V/div)
V
OUT
(1V/div)
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com