Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2126 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC2126
Description  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2126 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC2126 Datasheet HTML 14Page - Microchip Technology MIC2126 Datasheet HTML 15Page - Microchip Technology MIC2126 Datasheet HTML 16Page - Microchip Technology MIC2126 Datasheet HTML 17Page - Microchip Technology MIC2126 Datasheet HTML 18Page - Microchip Technology MIC2126 Datasheet HTML 19Page - Microchip Technology MIC2126 Datasheet HTML 20Page - Microchip Technology MIC2126 Datasheet HTML 21Page - Microchip Technology MIC2126 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MIC2125/6
DS20005459B-page 18
 2015 Microchip Technology Inc.
FIGURE 4-2:
MIC2125/6 Load Transient
Response
Unlike true current-mode control, the MIC2125/6 uses
the output voltage ripple to trigger an ON-time period.
In order to meet the stability requirements, the
MIC2125/6 feedback voltage ripple should be in phase
with the inductor current ripple and large enough to be
sensed by the gm amplifier. The recommended
feedback voltage ripple is 20 mV ~ 100 mV over the full
input voltage range. If a low-ESR output capacitor is
selected, then the feedback voltage ripple may be too
small to be sensed by the gm amplifier. Also, the output
voltage ripple and the feedback voltage ripple are not
necessarily in phase with the inductor current ripple if
the ESR of the output capacitor is very low. For these
applications, ripple injection is required to ensure
proper operation. Refer to the Ripple Injection section
under Application Information for details about the
ripple injection technique.
4.2
Discontinuous Conduction Mode
(MIC2125 Only)
The MIC2125 operates in discontinuous conduction
mode at light load. The MIC2125 has a zero crossing
comparator (ZC detection) that monitors the inductor
current by sensing the voltage drop across the low-side
MOSFET during its ON-time. If the VFB > 0.6V and the
inductor current goes slightly negative, the MIC2125
turns off both the high-side and low-side MOSFETs.
During this period, the efficiency is optimized by
shutting down all the non-essential circuits and the load
current is supplied by the output capacitor. The control
circuitry wakes up when the feedback voltage falls
below VREF and triggers a tON pulse. Figure 4-3 shows
the control loop timing in discontinuous conduction
mode.
FIGURE 4-3:
MIC2125 Control Loop
Timing (Discontinuous Conduction Mode)
The typical no load supply current during discontinuous
conduction mode is only about 340 μA, allowing the
MIC2125 to achieve high efficiency at light load
operation.
4.3
Soft-Start
Soft-start reduces the power supply inrush current at
startup by controlling the output voltage rise time. The
MIC2125/6 implements an internal digital soft-start by
ramping up the reference voltage VREF from 0 to 100%
in about 7 ms. Once the soft-start is completed, the
related circuitry is disabled to reduce the current
consumption.
ESTIMATED ON TIME
V
LSD
V
HSD
V
REF
V
FB
ZC
0
I
L
I
L CROSSES 0 AND VFB > 0.6.
DISCONTINUOUS CONDUCTION MODE STARTS.
V
FB > 0.8. WAKE UP FROM
DISCONTINUOUS CONDUCTION MODE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com