Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2126 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC2126
Description  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2126 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC2126 Datasheet HTML 15Page - Microchip Technology MIC2126 Datasheet HTML 16Page - Microchip Technology MIC2126 Datasheet HTML 17Page - Microchip Technology MIC2126 Datasheet HTML 18Page - Microchip Technology MIC2126 Datasheet HTML 19Page - Microchip Technology MIC2126 Datasheet HTML 20Page - Microchip Technology MIC2126 Datasheet HTML 21Page - Microchip Technology MIC2126 Datasheet HTML 22Page - Microchip Technology MIC2126 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
 2015 Microchip Technology Inc.
DS20005459B-page 19
MIC2125/6
4.4
Current Limit
The MIC2125/6 uses the low-side MOSFET RDS(ON) to
sense the inductor current.
FIGURE 4-4:
MIC2125/6 Current-Limiting
Circuit
In each switching cycle of the MIC2125/6 converter, the
inductor current is sensed by monitoring the voltage
across the low-side MOSFET during the OFF period.
An internal current source of 36 µA generates a voltage
across the external resistor RCL. The ILIM pin voltage
V(ILIM) is the sum of the voltage across the low side
MOSFET and the voltage across the resistor (VCL).
The sensed voltage V(ILIM) is compared with the power
ground (PGND) after a blanking time of 150 ns.
If the absolute value of the voltage drop across the low
side MOSFET is greater than VCL, the current limit
event is triggered. Eight consecutive current limit
events triggers hiccup mode. The hiccup sequence,
including the soft-start, reduces the stress on the
switching FETs and protects the load and supply from
severe short conditions.
The current limit can be programmed by using
Equation 4-3.
EQUATION 4-3:
Because MOSFET RDS(ON) varies from 30% to 40%
with temperature, it is recommended to add a 50%
margin to ICL in the previous equation to avoid false
current limiting due to increased MOSFET junction
temperature rise. It is also recommended to connect
the SW pin directly to the drain of the low-side
MOSFET to accurately sense the MOSFET’s RDS(ON).
4.5
Negative Current Limit
(MIC2126 Only)
The MIC2126 implements negative current limit by
sensing the SW voltage when the low-side FET is off.
If the SW node voltage exceeds 12 mV typical, the
device turns off the low-side FET until the next ON-time
event is triggered. The negative current limit value is
given by Equation 4-4.
EQUATION 4-4:
4.6
MOSFET Gate Drive
The MIC2125/6 high-side drive circuit is designed to
switch an N-Channel MOSFET. Figure 4-1 shows a
bootstrap circuit, consisting of a PMOS switch and
CBST. This circuit supplies energy to the high-side drive
circuit. Capacitor CBST is charged while the low-side
MOSFET is on and the voltage on the SW pin is
approximately 0V. When the high-side MOSFET driver
is turned on, energy from CBST is used to turn the
MOSFET on. If the bias current of the high-side driver
is less than 10 mA, a 0.1 μF capacitor is sufficient to
hold the gate voltage within minimal droop, (i.e., ∆BST
= 10 mA × 3.33 μs/0.1 μF = 333 mV). A small resistor,
RG in series with CBST, can be used to slow down the
turn-on time of the high-side N-channel MOSFET.
4.7
Overvoltage Protection
The MIC2125/6 includes the OVP feature to protect the
load from overshoots due to input transients and output
short to a high voltage. When the overvoltage condition
is triggered, the converter turns off immediately to allow
the output voltage to discharge. The MIC2125/6 power
should be recycled to enable it again.
R
CL
I
CLIM
PP
0.5
+
 R
DS ON

V
OFFSET
–
I
CL
---------------------------------------------------------------------------------------------------------
=
Where:
ICLIM
Desired Current Limit
∆PP
Inductor Current Peak-to-Peak
RDS(ON)
On-Resistance of Low-Side Power
MOSFET
VOFFSET Current-Limit Comparator Offset (Typical
Value is –4 mV per Table 1-1)
ICL
Current-Limit Source Current (Typical
Value is 36 µA, per Table 1-1)
I
NLIM
12mV
R
DS ON

--------------------
=
Where:
INLIM
Negative Current Limit
RDS(ON)
On-Resistance of Low-Side Power
MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com