Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2126 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC2126
Description  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2126 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC2126 Datasheet HTML 12Page - Microchip Technology MIC2126 Datasheet HTML 13Page - Microchip Technology MIC2126 Datasheet HTML 14Page - Microchip Technology MIC2126 Datasheet HTML 15Page - Microchip Technology MIC2126 Datasheet HTML 16Page - Microchip Technology MIC2126 Datasheet HTML 17Page - Microchip Technology MIC2126 Datasheet HTML 18Page - Microchip Technology MIC2126 Datasheet HTML 19Page - Microchip Technology MIC2126 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MIC2125/6
DS20005459B-page 16
 2015 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Symbol
Description
1VDD
Internal Linear regulator output. Connect a 4.7 μF ceramic capacitor from VDD to
AGND for decoupling. In the applications where VIN < +5.5V, VDD should be tied to
VIN to by-pass the linear regulator.
2PVDD
5V supply input for the low-side N-channel MOSFET driver, which can be tied to
VDD externally. A 4.7 μF ceramic capacitor from PVDD to PGND is recommended for
decoupling.
3ILIM
Current limit setting input. Connect a resistor from SW to ILIM to set the overcurrent
threshold for the converter.
4
DL
Low-side gate driver output. The DL driving voltage swings from ground to VDD.
5PGND
Power ground. PGND is the return path for the low side gate driver. Connect PGND
pin to the source of low-side N-Channel external MOSFET.
6
FREQ
Switching frequency adjust input. Connect FREQ to the mid-point of an external
resistor divider from VIN to GND to program the switching frequency. Tie to VIN to
operate at 750 kHz frequency.
7
DH
High-side gate driver output. The DH driving voltage is floating on the switch node
voltage (VSW).
8
SW
Switch node and current-sense input. Connect the SW pin to the switch node of the
buck converter. The SW pin also senses the current by monitoring the voltage
across the low-side MOSFET during OFF time. In order to sense the current
accurately, connect the low-side MOSFET drain to the SW pin using a Kelvin
connection.
9
BST
Bootstrap Capacitor Input. Connect a ceramic capacitor with a minimum value of
0.1 μF from BST to SW.
10
OVP
Output Overvoltage Protection Input. Connect to the mid-point of an external
resistive divider from the VOUT to GND to program overvoltage limit. Connect to
AGND if the output overvoltage protection is not required.
11
NC
No connect.
12
AGND
Analog Ground. Connect AGND to the exposed pad.
13
FB
Feedback input. Input to the transconductance amplifier of the control loop. The FB
pin is regulated to 0.6V. A resistor divider connecting the feedback to the output is
used to set the desired output voltage.
14
PG
Open-drain Power good output. Pull-up with an external pull-up resistor to VDD or to
an external power rail.
15
EN
Enable input. A logic signal to enable or disable the buck converter operation.
Logic-high enables the device; logic-low shuts down the regulator. In disable mode,
the VDD supply current for the device is minimized to 0.1 µA typically. Do not pull-up
EN pin to VDD/PVDD.
16
VIN
Supply voltage input. The VIN operating voltage range is from 4.5V to 28V. A 1 μF
ceramic capacitor from VIN to AGND is required for decoupling.
17
EP
Exposed Pad. Connect the exposed pad to the AGND copper plane to improve the
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com