Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2126 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2126
Description  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2126 Datasheet(HTML) 1 Page - Microchip Technology

  MIC2126 Datasheet HTML 1Page - Microchip Technology MIC2126 Datasheet HTML 2Page - Microchip Technology MIC2126 Datasheet HTML 3Page - Microchip Technology MIC2126 Datasheet HTML 4Page - Microchip Technology MIC2126 Datasheet HTML 5Page - Microchip Technology MIC2126 Datasheet HTML 6Page - Microchip Technology MIC2126 Datasheet HTML 7Page - Microchip Technology MIC2126 Datasheet HTML 8Page - Microchip Technology MIC2126 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2015 Microchip Technology Inc.
DS20005459B-page 1
MIC2125/6
Features
• Hyper Speed Control Architecture Enables:
- High delta V operation (VIN = 28V and VOUT
= 0.6V)
- Any Capacitor™ stable
• 4.5V to 28V Input Voltage
• Adjustable Output Voltage from 0.6V to 24V
• 200 kHz to 750 kHz Programmable Switching
Frequency
• HyperLight Load® (MIC2125)
• Hyper Speed Control® (MIC2126)
• Enable Input and Power Good Output
• Built-in 5V Regulator for Single-Supply Operation
• Programmable current limit and “hiccup” mode
short-circuit protection
• 7 ms internal soft-start, internal compensation,
and thermal shutdown
• Supports Safe Start-Up into a Prebiased Output
• –40°C to +125°C Junction Temperature Range
• Available in 16-pin, 3 mm × 3 mm QFN Package
Applications
• Networking/Telecom Equipment
• Base Stations, Servers
• Distributed Power Systems
• Industrial Power Supplies
General Description
The MIC2125 and MIC2126 are constant-frequency
synchronous buck controllers featuring a unique
adaptive ON-time control architecture. The MIC2125/6
operate over an input voltage range from 4.5V to 28V
and can be used to supply load current up to 25A. The
output voltage is adjustable down to 0.6V with a
guaranteed accuracy of ±1%. The device operates with
programmable switching frequency from 200 kHz to
750 kHz.
HyperLight Load® architecture provides the same high
efficiency and ultra-fast transient response as the
Hyper Speed Control® architecture under medium to
heavy loads. It also maintains high efficiency under
light load conditions by transitioning to variable
frequency, discontinuous conduction mode operation.
The MIC2125/6 offer a full suite of features to ensure
protection of the IC during fault conditions. These
include undervoltage lockout to ensure proper
operation
under
power-sag
conditions,
internal
soft-start to reduce inrush current, “hiccup” mode
short-circuit protection, and thermal shutdown.
Package Type
MIC2125/6
16-Pin 3 mm x 3 mm QFN (ML)
VDD
PVDD
ILIM
DL
AGND
NC
OVP
BST
EP 17
1
2
3
4
56
7
8
12
11
10
9
16
15
14
13
28V Synchronous Buck Controllers
Featuring Adaptive ON-Time Control


Similar Part No. - MIC2126

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2124 MICREL-MIC2124 Datasheet
680Kb / 24P
Constant Frequency, Synchronous Current Mode Buck Controller
MIC2124YMM MICREL-MIC2124YMM Datasheet
680Kb / 24P
Constant Frequency, Synchronous Current Mode Buck Controller
logo
Microchip Technology
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
MIC2127AYML-T5 MICROCHIP-MIC2127AYML-T5 Datasheet
827Kb / 38P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
MIC2127AYML-TR MICROCHIP-MIC2127AYML-TR Datasheet
827Kb / 38P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
More results

Similar Description - MIC2126

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2164 MICREL-MIC2164_10 Datasheet
1Mb / 39P
Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2176-1 MICREL-MIC2176-1 Datasheet
1Mb / 31P
Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 36P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103_13 Datasheet
1Mb / 38P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103 MICROCHIP-MIC2103 Datasheet
1Mb / 42P
75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com